Electronic Components Datasheet Search
  English  ▼

X  

MRF173 Datasheet(PDF) 5 Page - Tyco Electronics

Part # MRF173
Description  N-CHANNEL BROADBAND RF POWER MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MRF173 Datasheet(HTML) 5 Page - Tyco Electronics

  MRF173 Datasheet HTML 1Page - Tyco Electronics MRF173 Datasheet HTML 2Page - Tyco Electronics MRF173 Datasheet HTML 3Page - Tyco Electronics MRF173 Datasheet HTML 4Page - Tyco Electronics MRF173 Datasheet HTML 5Page - Tyco Electronics MRF173 Datasheet HTML 6Page - Tyco Electronics MRF173 Datasheet HTML 7Page - Tyco Electronics MRF173 Datasheet HTML 8Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Table 1. Common Source S–Parameters (VDS = 12.5 V, ID = 4 A)
f
S11
S21
S12
S22
f
MHz
|S11|
∠ φ
|S21|
∠ φ
|S12|
∠ φ
|S22|
∠ φ
30
0.879
–170
8.09
92
0.014
23
0.839
–174
40
0.883
–173
6.19
87
0.016
24
0.839
–179
50
0.885
–174
4.94
84
0.016
28
0.853
–178
60
0.885
–175
4.21
81
0.017
30
0.845
180
70
0.888
–176
3.57
77
0.017
34
0.849
179
80
0.888
–177
3.06
77
0.017
37
0.852
–179
90
0.888
–178
2.71
76
0.018
42
0.842
–179
100
0.890
–178
2.45
72
0.019
43
0.858
180
110
0.888
–179
2.28
70
0.020
46
0.859
179
120
0.892
–179
2.02
69
0.021
50
0.872
–180
130
0.893
–179
1.84
67
0.022
52
0.870
–179
140
0.894
–180
1.73
66
0.023
55
0.880
–180
150
0.896
–180
1.58
64
0.024
55
0.887
180
160
0.896
180
1.51
61
0.026
56
0.863
180
170
0.898
179
1.38
60
0.026
60
0.850
179
180
0.899
179
1.28
58
0.028
60
0.871
179
190
0.899
179
1.25
57
0.030
62
0.890
178
200
0.902
179
1.15
55
0.030
63
0.884
178
210
0.902
179
1.12
53
0.032
63
0.899
178
220
0.904
178
1.08
51
0.034
65
0.893
178
230
0.907
178
0.97
49
0.037
65
0.941
176
240
0.907
178
0.95
48
0.037
65
0.884
176
250
0.909
178
0.90
49
0.039
67
0.896
177
260
0.911
177
0.85
48
0.039
68
0.888
176
270
0.909
177
0.83
46
0.042
68
0.895
176
280
0.913
177
0.78
45
0.044
69
0.893
175
290
0.914
177
0.74
42
0.044
69
0.882
174
300
0.915
176
0.74
42
0.047
72
0.877
175
310
0.917
176
0.70
41
0.048
73
0.909
176
320
0.916
176
0.69
39
0.052
71
0.912
175
330
0.917
176
0.65
37
0.055
71
0.885
173
340
0.919
176
0.65
38
0.055
70
0.898
173
350
0.919
175
0.62
36
0.057
72
0.887
174
360
0.920
175
0.60
37
0.059
72
0.918
172
370
0.921
175
0.57
35
0.061
71
0.929
172
380
0.923
175
0.56
34
0.063
71
0.900
172
390
0.925
175
0.54
36
0.065
71
0.907
171
400
0.926
174
0.51
34
0.067
75
0.902
173
410
0.927
174
0.51
33
0.070
73
0.942
170
420
0.929
174
0.49
31
0.071
71
0.926
169
430
0.929
173
0.46
32
0.072
72
0.901
170
440
0.930
173
0.45
32
0.076
73
0.904
170
5
REV 10



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com