Electronic Components Datasheet Search
  English  ▼

X  

MRF173 Datasheet(PDF) 3 Page - Tyco Electronics

Part # MRF173
Description  N-CHANNEL BROADBAND RF POWER MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MRF173 Datasheet(HTML) 3 Page - Tyco Electronics

  MRF173 Datasheet HTML 1Page - Tyco Electronics MRF173 Datasheet HTML 2Page - Tyco Electronics MRF173 Datasheet HTML 3Page - Tyco Electronics MRF173 Datasheet HTML 4Page - Tyco Electronics MRF173 Datasheet HTML 5Page - Tyco Electronics MRF173 Datasheet HTML 6Page - Tyco Electronics MRF173 Datasheet HTML 7Page - Tyco Electronics MRF173 Datasheet HTML 8Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
TYPICAL CHARACTERISTICS
89
10
02
3
4
7
15
6
120
100
60
40
0
20
80
150 MHz
200 MHz
VDD = 28 V
IDQ = 50 mA
Pin, INPUT POWER (WATTS)
Figure 2. Output Power versus Input Power
Pin, INPUT POWER (WATTS)
Figure 3. Output Power versus Input Power
14
0
2.0
4.0
6.0
12
8.0
10
80
70
60
50
40
0
10
30
20
f = 100 MHz
150 MHz
200 MHz
26
28
30
10
14
16
18
24
12
20
22
140
120
60
40
0
20
80
VDD, SUPPLY VOLTAGE (VOLTS)
Figure 4. Output Power versus Supply Voltage
100
3.0 W
2.0 W
1.0 W
Pin = 4.0 W
26
28
30
10
14
16
18
24
12
20
22
140
120
60
40
0
20
80
VDD, SUPPLY VOLTAGE (VOLTS)
Figure 5. Output Power versus Supply Voltage
100
6.0 W
4.0 W
2.0 W
Pin = 8.0 W
26
28
30
10
14
16
18
24
12
20
22
140
120
60
40
0
20
80
VDD, SUPPLY VOLTAGE (VOLTS)
Figure 6. Output Power versus Supply Voltage
100
10 W
6.0 W
4.0 W
Pin = 14 W
22
20
18
16
12
8.0
6.0
4.0
2.0
20
40
60
80
100 120
140 160
200 220
f, FREQUENCY (MHz)
180
14
10
Pout = 80 W
VDD = 28 V
IDQ = 50 mA
Figure 7. Power Gain versus Frequency
VDD = 13.5 V
IDQ = 50 mA
f = 100 MHz
IDQ = 50 mA
f = 100 MHz
IDQ = 50 mA
f = 150 MHz
IDQ = 50 mA
f = 200 MHz
3
REV 10



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com