Electronic Components Datasheet Search
  English  ▼

X  

RF1147 Datasheet(PDF) 7 Page - RF Micro Devices

Part # RF1147
Description  BROADBAND LOW POWER SP4T SWITCH
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF1147 Datasheet(HTML) 7 Page - RF Micro Devices

  RF1147 Datasheet HTML 1Page - RF Micro Devices RF1147 Datasheet HTML 2Page - RF Micro Devices RF1147 Datasheet HTML 3Page - RF Micro Devices RF1147 Datasheet HTML 4Page - RF Micro Devices RF1147 Datasheet HTML 5Page - RF Micro Devices RF1147 Datasheet HTML 6Page - RF Micro Devices RF1147 Datasheet HTML 7Page - RF Micro Devices RF1147 Datasheet HTML 8Page - RF Micro Devices RF1147 Datasheet HTML 9Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
7 of 9
RF1147
DS110429
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Application Schematic
Application Diagram and Guidelines
The decoupling capacitors are optional and, if necessary, may be used for noise reduction. Decoupling capacitors on the con-
trol pins protect the control circuitry from possible RF leakage. DC Blocking capacitors are not needed on the RF paths as there
is no DC on the RF paths, however care should be taken to ensure that DC is not injected into the switch from external circuitry.
An ESD filter is needed to protect the switch from antenna ESD events. The filter is formed by LESD inductor and CESD capaci-
tor. The switch has a supply input to feed the built-in logic decoding.
*LESD value will depend on the level of ESD protection and the loss acceptable in a given application.
6
8
5
7
17
1
16
2
12
11
10
9
3
15
14
13
4
RF4
RF3
ANT
RF2
RF1
C1
DNI
L1
DNI
C3
100 pF
C2
100 pF
C4
10 nF
P1
1
2
3
4
5
V1
V2
VDD



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com