Electronic Components Datasheet Search
  English  ▼

X  

RF1147 Datasheet(PDF) 9 Page - RF Micro Devices

Part # RF1147
Description  BROADBAND LOW POWER SP4T SWITCH
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF1147 Datasheet(HTML) 9 Page - RF Micro Devices

  RF1147 Datasheet HTML 1Page - RF Micro Devices RF1147 Datasheet HTML 2Page - RF Micro Devices RF1147 Datasheet HTML 3Page - RF Micro Devices RF1147 Datasheet HTML 4Page - RF Micro Devices RF1147 Datasheet HTML 5Page - RF Micro Devices RF1147 Datasheet HTML 6Page - RF Micro Devices RF1147 Datasheet HTML 7Page - RF Micro Devices RF1147 Datasheet HTML 8Page - RF Micro Devices RF1147 Datasheet HTML 9Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
9 of 9
RF1147
DS110429
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Typical Performance Data on Evaluation Board
Fixture losses have been de-embedded (Temp=25°C, VDD=2.75V, VCONTROL High=1.8V, VCONTROL Low=0V)
-1.5
-1.3
-1.0
-0.8
-0.5
-0.3
0.0
400 600 800 1000 1200 1400 1600 1800 2000 2200 2400 2600 2800 3000 3200 3400 3600
Insertion
Loss
(dB)
Frequency (MHz)
Insertion Loss
(Temp = 25°C, VDD=2.75V)
-50.0
-40.0
-30.0
-20.0
-10.0
0.0
400 600 800 1000 1200 1400 1600 1800 2000 2200 2400 2600 2800 3000 3200 3400 3600
Return Loss
(dB)
Frequency (MHz)
Return Loss
(Temp = 25°C, VDD=2.75V)
-50.0
-40.0
-30.0
-20.0
-10.0
0.0
400 600 800 1000 1200 1400 1600 1800 2000 2200 2400 2600 2800 3000 3200 3400 3600
Isolation
(dB)
Frequency (MHz)
Antenna to Port Isolation
(Temp = 25°C, VDD=2.75V)
-110.0
-100.0
-90.0
-80.0
-70.0
-60.0
17
18
19
20
21
22
23
24
25
26
27
Harmonic
Level
(dBc)
Input Power (dBm)
Harmonics
(Temp=25°C, VDD=2.75v,Frequency=880MHz)
2Fo
3Fo
16.0
18.0
20.0
22.0
24.0
26.0
28.0
17
18
19
20
21
22
23
24
25
26
27
Output
Power
POUT
(dBm)
Input Power Pin (dBm)
Output Power versus Input Power
(Temperature=25°C, Frequency=1880MHz, Vdd=2.75v)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com