Electronic Components Datasheet Search
  English  ▼

X  

RF1147 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RF1147
Description  BROADBAND LOW POWER SP4T SWITCH
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF1147 Datasheet(HTML) 1 Page - RF Micro Devices

  RF1147 Datasheet HTML 1Page - RF Micro Devices RF1147 Datasheet HTML 2Page - RF Micro Devices RF1147 Datasheet HTML 3Page - RF Micro Devices RF1147 Datasheet HTML 4Page - RF Micro Devices RF1147 Datasheet HTML 5Page - RF Micro Devices RF1147 Datasheet HTML 6Page - RF Micro Devices RF1147 Datasheet HTML 7Page - RF Micro Devices RF1147 Datasheet HTML 8Page - RF Micro Devices RF1147 Datasheet HTML 9Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1 of 9
Optimum Technology Matching® Applied
GaAs HBT
InGaP HBT
GaAs MESFET
SiGe BiCMOS
Si BiCMOS
SiGe HBT
GaAs pHEMT
Si CMOS
Si BJT
GaN HEMT
Functional Block Diagram
RF MICRO DEVICES®, RFMD®, Optimum Technology Matching®, Enabling Wireless Connectivity™, PowerStar®, POLARIS™ TOTAL RADIO™ and UltimateBlue™ are trademarks of RFMD, LLC. BLUETOOTH is a trade-
mark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names, trademarks and registered trademarks are the property of their respective owners. ©2006, RF Micro Devices, Inc.
Product Description
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Ordering Information
RF MEMS
LDMOS
RF4
RF1147
RF3
Charge
Pump/
Decoder
RF2
RF1
ANT
VDD
V1
V2
RF1147
BROADBAND LOW POWER SP4T SWITCH
The RF1147 is a single-pole four-throw (SP4T) switch designed for general
purpose switching applications which require very low insertion loss and
low power handling capability.
The RF1147 is ideally suited for battery operated applications requiring
high performance switching with very low DC power consumption. The
RF1147 features very low insertion loss with excellent linearity perfor-
mance down to 1.8V control voltage. Additionally, RF1147 includes inte-
grated decoding logic, allowing just two control lines needed for switch
control. The RF1147 is packaged in a very compact 3mmx3mmx0.6mm,
16-pin, leadless QFN package. Unless external DC is presented to the
device RF ports, no external DC blocking capacitors are needed.
Features
Low Frequency - 2.7GHz
Operation
Very Low Insertion Loss:
Cell Band 0.35dB
PCS Band 0.45dB
High Isolation:
Cell Band 29dB
PCS Band 22dB
Compatible With Low Voltage
Logic: (VHIGH=1.8V)
Excellent Linearity Perfor-
mance (IIP2):
Cell Band 106dBm
PCS Band 110dBm
Lowest BOM Cost and Small
Solution Size
Applications
Cellular Handset Applications
Cellular Infrastructure Appli-
cations
RF1147
Broadband Low Power SP4T Switch
RF1147PCBA-410
Fully Assembled Evaluation Board
DS110429
Package Style: QFN, 16-pin, 3mmx3mm


Similar Part No. - RF1147

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
RF11 EXTECH-RF11 Datasheet
291Kb / 1P
Portable Refractometers
logo
Adam Technologies, Inc.
RF11-01-T-00-50-G ADAM-TECH-RF11-01-T-00-50-G Datasheet
66Kb / 1P
909 Rahway Avenue
RF11-01-T-50-G ADAM-TECH-RF11-01-T-50-G Datasheet
96Kb / 1P
MCX JACK PCB VERTICAL
RF11-04-D-00-50-G ADAM-TECH-RF11-04-D-00-50-G Datasheet
72Kb / 1P
MCX FEMALE PCB MOUNT
RF11-11-T-03-75-G ADAM-TECH-RF11-11-T-03-75-G Datasheet
112Kb / 1P
MCX MALE CRIMP RGI74
More results

Similar Description - RF1147

ManufacturerPart #DatasheetDescription
logo
DAICO Industries, Inc.
DSW46174 DAICO-DSW46174 Datasheet
163Kb / 1P
Switch SP4T
logo
STMicroelectronics
STG3482 STMICROELECTRONICS-STG3482 Datasheet
216Kb / 14P
Low voltage dual SP4T switch
20-Nov-2007
logo
RF Micro Devices
RF1127 RFMD-RF1127 Datasheet
555Kb / 8P
BROADBAND LOW POWER SPDT SWITCH
RF1136 RFMD-RF1136 Datasheet
593Kb / 9P
BROADBAND LOW POWER SP3T SWITCH
RF1156 RFMD-RF1156 Datasheet
267Kb / 8P
BROADBAND LOW POWER SP5T SWITCH
RF1604 RFMD-RF1604 Datasheet
520Kb / 9P
BROADBAND HIGH POWER SP4T SWITCH
logo
Pasternack Enterprises,...
PE71S6127 PASTERNACK-PE71S6127 Datasheet
439Kb / 4P
SP4T Switch
PE71S6184 PASTERNACK-PE71S6184 Datasheet
441Kb / 4P
SP4T Switch
logo
Mini-Circuits
MSP4TA-18 MINI-MSP4TA-18 Datasheet
373Kb / 3P
SP4T Switch
MSP4TA-18-12D MINI-MSP4TA-18-12D Datasheet
509Kb / 3P
SP4T Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com