Electronic Components Datasheet Search
  English  ▼

X  

RF1156 Datasheet(PDF) 3 Page - RF Micro Devices

Part # RF1156
Description  BROADBAND LOW POWER SP5T SWITCH
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF1156 Datasheet(HTML) 3 Page - RF Micro Devices

  RF1156 Datasheet HTML 1Page - RF Micro Devices RF1156 Datasheet HTML 2Page - RF Micro Devices RF1156 Datasheet HTML 3Page - RF Micro Devices RF1156 Datasheet HTML 4Page - RF Micro Devices RF1156 Datasheet HTML 5Page - RF Micro Devices RF1156 Datasheet HTML 6Page - RF Micro Devices RF1156 Datasheet HTML 7Page - RF Micro Devices RF1156 Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3 of 8
RF1156
DS110802
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
IIP3
RF1-ANT, RF2-ANT, RF3-ANT,
RF4-ANT, RF5-ANT (Cell)
58
61
dBc
Tone 1: 836.5MHz @ 16dBm,
Tone 2: 791.5MHz @ -20dBm
Receive Freq: 881.5MHz
RF1-ANT, RF2-ANT, RF3-ANT,
RF4-ANT, RF5-ANT (IMT)
58
61
dBc
Tone 1: 1950MHz @ 16dBm,
Tone 2: 1760MHz @ -20dBm
Receive Freq: 2140MHz
0.1dB Compression (P0.1dB)
29
dBm
f=900MHz
28
dBm
f=1800MHz
Switching Speed
0.5
1.0
us
50% control to 10%/90%
Supply and Control Signal
Characteristics
Switch Supply Voltage (VDD)
2.50
2.75
3.30
V
Continuously
Control Voltage
VHIGH
1.3
1.8
2.9
V
VLOW
00.45
V
Control Current
0.018
1.5
uA
PIN=16dBm
Supply Current
0.6
0.9
mA
PIN=16dBm



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com