Electronic Components Datasheet Search
  English  ▼

X  

RF1156 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RF1156
Description  BROADBAND LOW POWER SP5T SWITCH
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF1156 Datasheet(HTML) 1 Page - RF Micro Devices

  RF1156 Datasheet HTML 1Page - RF Micro Devices RF1156 Datasheet HTML 2Page - RF Micro Devices RF1156 Datasheet HTML 3Page - RF Micro Devices RF1156 Datasheet HTML 4Page - RF Micro Devices RF1156 Datasheet HTML 5Page - RF Micro Devices RF1156 Datasheet HTML 6Page - RF Micro Devices RF1156 Datasheet HTML 7Page - RF Micro Devices RF1156 Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1 of 8
Optimum Technology Matching® Applied
GaAs HBT
InGaP HBT
GaAs MESFET
SiGe BiCMOS
Si BiCMOS
SiGe HBT
GaAs pHEMT
Si CMOS
Si BJT
GaN HEMT
Functional Block Diagram
RF MICRO DEVICES®, RFMD®, Optimum Technology Matching®, Enabling Wireless Connectivity™, PowerStar®, POLARIS™ TOTAL RADIO™ and UltimateBlue™ are trademarks of RFMD, LLC. BLUETOOTH is a trade-
mark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names, trademarks and registered trademarks are the property of their respective owners. ©2006, RF Micro Devices, Inc.
Product Description
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Ordering Information
RF MEMS
Charge
Pump/
Decoder
ANT
VDD V3 V2 V1
RF5
RF3
RF1156
RF1
RF2
RF4
RF1156
BROADBAND LOW POWER SP5T SWITCH
The RF1156 is a single-pole five-throw (SP5T) switch designed for general purpose
switching applications which require very low insertion loss and moderate power
handling capability.
The RF1156 is ideally suited for battery operated applications requiring high perfor-
mance switching with very low DC power consumption. The RF1156 features very
low insertion loss with excellent linearity performance down to 1.8V control voltage.
Additionally, RF1156 includes integrated decoding logic, allowing just three control
lines needed for switch control. The RF1156 is packaged in a very compact
3mmx3mmx0.85mm, 16-pin, leadless QFN package. No DC-blocking capacitors
are required on RF paths, unless DC is applied external to the device ports.
Features
450MHz to 2.69GHz Opera-
tion
Very Low Insertion Loss:
Cell Band 0.40dB
PCS Band 0.55dB
High Isolation:
Cell Band 30dB
PCS Band 22dB
Compatible With Low Voltage
Logic: (VHIGH=1.8V)
Excellent Linearity Perfor-
mance:
Cell Band 106dBm
PCS Band 108dBm
Small Solution Size
Applications
Cellular Handset Applications
Cellular Infrastructure Appli-
cations
RF1156
Broadband LOW Power SP5T Switch
RF1156PCBA-410
Fully Assembled Evaluation Board
DS110802
Package Style: QFN, 16-pin, 3mmx3mm


Similar Part No. - RF1156

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
RF11 EXTECH-RF11 Datasheet
291Kb / 1P
Portable Refractometers
logo
Adam Technologies, Inc.
RF11-01-T-00-50-G ADAM-TECH-RF11-01-T-00-50-G Datasheet
66Kb / 1P
909 Rahway Avenue
RF11-01-T-50-G ADAM-TECH-RF11-01-T-50-G Datasheet
96Kb / 1P
MCX JACK PCB VERTICAL
RF11-04-D-00-50-G ADAM-TECH-RF11-04-D-00-50-G Datasheet
72Kb / 1P
MCX FEMALE PCB MOUNT
RF11-11-T-03-75-G ADAM-TECH-RF11-11-T-03-75-G Datasheet
112Kb / 1P
MCX MALE CRIMP RGI74
More results

Similar Description - RF1156

ManufacturerPart #DatasheetDescription
logo
DAICO Industries, Inc.
CSW52216 DAICO-CSW52216 Datasheet
161Kb / 1P
Switch SP5T
CSWM9096 DAICO-CSWM9096 Datasheet
191Kb / 1P
Switch SP5T
DSW52179 DAICO-DSW52179 Datasheet
157Kb / 1P
Switch SP5T
DSW56178 DAICO-DSW56178 Datasheet
188Kb / 1P
Switch SP5T
logo
Spectrum Microwave, Inc...
310-021005-001 SPECTRUM-310-021005-001 Datasheet
117Kb / 1P
SP5T SWITCH
logo
API Technologies Corp
310-021005-001 APITECH-310-021005-001 Datasheet
229Kb / 1P
SP5T SWITCH
logo
RF Micro Devices
RF1127 RFMD-RF1127 Datasheet
555Kb / 8P
BROADBAND LOW POWER SPDT SWITCH
RF1136 RFMD-RF1136 Datasheet
593Kb / 9P
BROADBAND LOW POWER SP3T SWITCH
RF1147 RFMD-RF1147 Datasheet
588Kb / 9P
BROADBAND LOW POWER SP4T SWITCH
logo
Infineon Technologies A...
BGS15AN16 INFINEON-BGS15AN16 Datasheet
1Mb / 16P
SP5T Antenna Switch
Revision 2.1, 2013-01-21
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com