Electronic Components Datasheet Search
  English  ▼

X  

RF1156 Datasheet(PDF) 7 Page - RF Micro Devices

Part # RF1156
Description  BROADBAND LOW POWER SP5T SWITCH
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF1156 Datasheet(HTML) 7 Page - RF Micro Devices

  RF1156 Datasheet HTML 1Page - RF Micro Devices RF1156 Datasheet HTML 2Page - RF Micro Devices RF1156 Datasheet HTML 3Page - RF Micro Devices RF1156 Datasheet HTML 4Page - RF Micro Devices RF1156 Datasheet HTML 5Page - RF Micro Devices RF1156 Datasheet HTML 6Page - RF Micro Devices RF1156 Datasheet HTML 7Page - RF Micro Devices RF1156 Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7 of 8
RF1156
DS110802
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Application Schematic
Application Diagram and Guidelines
The decoupling capacitors are optional and, if necessary, may be used for noise reduction. Decoupling capacitors on the con-
trol pins protect the control circuitry from possible RF leakage. DC Blocking capacitors are not needed on the RF paths as there
is no DC on the RF paths, however care should be taken to ensure that DC is not injected into the switch from external circuitry.
The switch has a supply input to feed the built-in logic decoding.
1
2
3
4
12
11
10
9
16
15
14
13
5
6
7
8
VDD
V3
V2
V1
C4
100 pF
C3
100 pF
C2
100 pF
C1
10 nF
J4
RF4
J3
RF3
2
2
J5
RF5
J6
ANT
J1
RF1
2
2
J2
RF2
P1
6
5
4
3
2
1
GND
VDD
V3
V2
V1
HDR_1X6
GND



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com