Electronic Components Datasheet Search
  English  ▼

X  

MRF174 Datasheet(PDF) 4 Page - Tyco Electronics

Part # MRF174
Description  N-CHANNEL MOS BROADBAND RF POWER FET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MRF174 Datasheet(HTML) 4 Page - Tyco Electronics

  MRF174 Datasheet HTML 1Page - Tyco Electronics MRF174 Datasheet HTML 2Page - Tyco Electronics MRF174 Datasheet HTML 3Page - Tyco Electronics MRF174 Datasheet HTML 4Page - Tyco Electronics MRF174 Datasheet HTML 5Page - Tyco Electronics MRF174 Datasheet HTML 6Page - Tyco Electronics MRF174 Datasheet HTML 7Page - Tyco Electronics MRF174 Datasheet HTML 8Page - Tyco Electronics MRF174 Datasheet HTML 9Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Figure 8. Output Power versus Gate Voltage
Figure 9. Drain Current versus Gate Voltage
(Transfer Characteristics)
Figure 10. Gate–Source Voltage versus
Case Temperature
Figure 11. Capacitance versus Drain Voltage
Figure 12. DC Safe Operating Area
–8
0
f = 150 MHz
Pin = CONSTANT
IDQ = 100 mA
VDD = 28 V
TYPICAL DEVICE SHOWN, VGS(th) = 3 V
–6
–4
–2
2
4
6
–10
VGS, GATE–SOURCE VOLTAGE (VOLTS)
–12
–14
140
120
100
80
60
40
20
0
160
–25
TC, CASE TEMPERATURE (°C)
0
1.2
1
0.9
0.8
25
50
75
100
125
150
175
VDD = 28 V
1.1
3 A
ID = 4 A
100 mA
2 A
1000
04
8
12
20
24
28
16
VDS, DRAIN–SOURCE VOLTAGE (VOLTS)
Coss
Ciss
Crss
VGS = 0 V
f = 1 MHz
900
800
700
600
500
400
300
200
100
0
VGS, GATE–SOURCE VOLTAGE (VOLTS)
12
34
56
VDS = 10 V
5
TYPICAL DEVICE SHOWN, VGS(th) = 3 V
4
3
2
1
0
20
1
VDS, DRAIN–SOURCE VOLTAGE (VOLTS)
TC = 25°C
10
6
4
2
1
0.6
0.4
0.2
2
4
6
10
20
40
60
100
4
REV 7



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com