Electronic Components Datasheet Search
  English  ▼

X  

MRF174 Datasheet(PDF) 6 Page - Tyco Electronics

Part # MRF174
Description  N-CHANNEL MOS BROADBAND RF POWER FET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MRF174 Datasheet(HTML) 6 Page - Tyco Electronics

  MRF174 Datasheet HTML 1Page - Tyco Electronics MRF174 Datasheet HTML 2Page - Tyco Electronics MRF174 Datasheet HTML 3Page - Tyco Electronics MRF174 Datasheet HTML 4Page - Tyco Electronics MRF174 Datasheet HTML 5Page - Tyco Electronics MRF174 Datasheet HTML 6Page - Tyco Electronics MRF174 Datasheet HTML 7Page - Tyco Electronics MRF174 Datasheet HTML 8Page - Tyco Electronics MRF174 Datasheet HTML 9Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Figure 13. S11, Input Reflection Coefficient
versus Frequency
VDS = 28 V, ID = 3.0 A
Figure 14. S12, Reverse Transmission Coefficient
versus Frequency
VDS = 28 V, ID = 3.0 A
Figure 15. S21, Forward Transmission Coefficient
versus Frequency
VDS = 28 V, ID = 3.0 A
Figure 16. S22, Output Reflection Coefficient
versus Frequency
VDS = 28 V, ID = 3.0 A
+ j50
+ j100
+ j150
+ j250
+ j500
– j500
– j250
– j150
– j100
– j50
– j25
– j10
0
+ j10
+ j25
25
50
100
150
250 500
300
f = 30 MHz
10
+90
°
+60
°
+30
°
0
°
–30
°
–60
°
–90
°
–120
°
–150
°
180
°
+150
°
+120
°
.05
.04
.03
.02
.01
+90
°
+60
°
+30
°
0
°
–30
°
–60
°
–90
°
–120
°
–150
°
180
°
+150
°
+120
°
5
4
3
2
1
+ j50
+ j100
+ j150
+ j250
+ j500
– j500
– j250
– j150
– j100
– j50
– j25
– j10
0
+ j10
+ j25
25
50
100
150
250 500
300
f = 30 MHz
250
200
150
100
50
f = 30 MHz
100
50
150
300
f = 30 MHz
300
6
REV 7



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com