Electronic Components Datasheet Search
  English  ▼

X  

MRF174 Datasheet(PDF) 5 Page - Tyco Electronics

Part # MRF174
Description  N-CHANNEL MOS BROADBAND RF POWER FET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MRF174 Datasheet(HTML) 5 Page - Tyco Electronics

  MRF174 Datasheet HTML 1Page - Tyco Electronics MRF174 Datasheet HTML 2Page - Tyco Electronics MRF174 Datasheet HTML 3Page - Tyco Electronics MRF174 Datasheet HTML 4Page - Tyco Electronics MRF174 Datasheet HTML 5Page - Tyco Electronics MRF174 Datasheet HTML 6Page - Tyco Electronics MRF174 Datasheet HTML 7Page - Tyco Electronics MRF174 Datasheet HTML 8Page - Tyco Electronics MRF174 Datasheet HTML 9Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
f
S11
S21
S12
S22
f
(MHz)
|S11|
φ
|S21|
φ
|S12|
φ
|S22|
φ
2.0
0.932
– 133
74.0
112
0.011
23
0.835
– 151
5.0
0.923
– 160
31.6
98
0.011
12
0.886
– 168
10
0.921
– 170
16.0
93
0.011
10
0.896
– 174
20
0.921
– 175
8.00
88
0.011
12
0.899
– 177
30
0.921
– 177
5.32
86
0.011
16
0.900
– 178
40
0.921
– 177
3.98
83
0.012
21
0.901
– 178
50
0.922
– 178
3.17
81
0.012
26
0.902
– 178
60
0.923
– 178
2.63
79
0.012
30
0.903
– 178
70
0.924
– 178
2.24
77
0.013
34
0.904
– 178
80
0.925
– 178
1.95
75
0.013
39
0.906
– 178
90
0.927
– 178
1.72
73
0.014
43
0.907
– 178
100
0.930
– 178
1.50
71
0.016
45
0.910
– 178
110
0.930
– 178
1.31
70
0.018
46
0.912
– 178
120
0.931
– 178
1.19
68
0.019
47
0.914
– 178
130
0.942
– 178
1.10
67
0.019
49
0.919
– 178
140
0.936
– 178
1.01
66
0.021
50
0.921
– 178
150
0.938
– 178
0.936
65
0.021
53
0.922
– 178
160
0.938
– 178
0.879
64
0.022
53
0.923
– 178
170
0.940
– 178
0.830
63
0.023
54
0.923
– 177
180
0.942
– 178
0.780
61
0.024
56
0.924
– 177
190
0.942
– 178
0.737
60
0.026
59
0.928
– 177
200
0.952
– 178
0.705
59
0.027
58
0.929
– 177
210
0.950
– 178
0.668
57
0.029
61
0.934
– 177
220
0.942
– 178
0.626
56
0.030
61
0.933
– 177
230
0.943
– 178
0.592
56
0.032
62
0.939
– 177
240
0.946
– 177
0.566
55
0.033
64
0.941
– 177
250
0.952
– 177
0.545
54
0.035
64
0.943
– 177
260
0.958
– 177
0.523
53
0.036
65
0.946
– 177
270
0.956
– 177
0.500
52
0.038
67
0.943
– 177
280
0.960
– 177
0.481
52
0.039
68
0.946
– 177
290
0.956
– 178
0.460
51
0.042
68
0.944
– 177
300
0.955
– 178
0.443
50
0.043
68
0.947
– 177
Table 1. Common Source Scattering Parameters
VDS = 28 V, ID = 3.0 A
5
REV 7



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com