Electronic Components Datasheet Search
  English  ▼

X  

RF1604 Datasheet(PDF) 2 Page - RF Micro Devices

Part # RF1604
Description  BROADBAND HIGH POWER SP4T SWITCH
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF1604 Datasheet(HTML) 2 Page - RF Micro Devices

  RF1604 Datasheet HTML 1Page - RF Micro Devices RF1604 Datasheet HTML 2Page - RF Micro Devices RF1604 Datasheet HTML 3Page - RF Micro Devices RF1604 Datasheet HTML 4Page - RF Micro Devices RF1604 Datasheet HTML 5Page - RF Micro Devices RF1604 Datasheet HTML 6Page - RF Micro Devices RF1604 Datasheet HTML 7Page - RF Micro Devices RF1604 Datasheet HTML 8Page - RF Micro Devices RF1604 Datasheet HTML 9Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2 of 9
RF1604
DS120125
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Absolute Maximum Ratings
Parameter
Rating
Unit
VDD
3.0
V
Maximum Power Handling
(6 to 1 VSWR over Temperature)
+36
dBm
Operating Temperature
-30 to +85
°C
Storage Temperature
-35 to +100
°C
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Electrical Characteristics
Active Mode:VHIGH>1.8V,VLOW<0.3V;
Temp=25°C; VDD=2.5V
PIN=35dBm@0.9GHzor33dBm@1.98GHz;
All RF ports terminated to ZO=50.
Insertion Loss
RF1, RF2, RF3, RF4-ANT
0.40
0.50
dB
0.5GHz to 1GHz
0.45
0.55
dB
1.0GHz to 2.0GHz
0.45
0.55
dB
2.0GHz to 2.5GHz
0.7
0.85
dB
2.5GHz to 3.5GHz
Isolation
RF1, RF2, RF3, RF4-ANT
36
40
dB
0.5GHz to 1.0GHz
31
35
dB
1.0GHz to 2.0GHz
30
33
dB
2.0GHz to 2.5GHz
23
28
dB
2.5GHz to 3.5GHz
RF Port Return Loss
RF1, RF2, RF3, RF4-ANT
23
30
dB
0.5GHz to 3.5GHz, All RF ports in Insertion
Loss state.
900MHz Harmonics
Second Harmonic (2f0)
-85
-75
dBc
PIN=35dBm
Third Harmonic (3f0)-90
-75
dBc
1980MHz Harmonics
Second Harmonic (2f0)
-85
-75
dBc
PIN=33dBm
Third Harmonic (3f0)-90
-75
dBc
IIP2
RF1, RF2, RF3, RF4-ANT Cell
115
120
dBm
Tone 1: 836.5MHz at 26dBm, Tone 2:
1718MHz at -20dBm, Receive Freq: 881.5MHz
RF1, RF2, RF3, RF4-ANT AWS
115
120
dBm
Tone 1: 1732.5MHz at 26dBm, Tone 2:
3865MHz at -20dBm, Receive Freq:
2132.5MHz
RF1, RF2, RF3, RF4-ANT PCS
115
120
dBm
Tone 1: 1880MHz at 26dBm, Tone 2:
3840MHz at -20dBm, Receive Freq: 1960MHz
Caution! ESD sensitive device.
Exceeding any one or a combination of the Absolute Maximum Rating conditions may
cause permanent damage to the device. Extended application of Absolute Maximum
Rating conditions to the device may reduce device reliability. Specified typical perfor-
mance or functional operation of the device under Absolute Maximum Rating condi-
tions is not implied.
RoHS status based on EUDirective2002/95/EC (at time of this document revision).
The information in this publication is believed to be accurate and reliable. However, no
responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any
infringement of patents, or other rights of third parties, resulting from its use. No
license is granted by implication or otherwise under any patent or patent rights of
RFMD. RFMD reserves the right to change component circuitry, recommended appli-
cation circuitry and specifications at any time without prior notice.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com