Electronic Components Datasheet Search
  English  ▼

X  

RF1604 Datasheet(PDF) 5 Page - RF Micro Devices

Part # RF1604
Description  BROADBAND HIGH POWER SP4T SWITCH
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF1604 Datasheet(HTML) 5 Page - RF Micro Devices

  RF1604 Datasheet HTML 1Page - RF Micro Devices RF1604 Datasheet HTML 2Page - RF Micro Devices RF1604 Datasheet HTML 3Page - RF Micro Devices RF1604 Datasheet HTML 4Page - RF Micro Devices RF1604 Datasheet HTML 5Page - RF Micro Devices RF1604 Datasheet HTML 6Page - RF Micro Devices RF1604 Datasheet HTML 7Page - RF Micro Devices RF1604 Datasheet HTML 8Page - RF Micro Devices RF1604 Datasheet HTML 9Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5 of 9
RF1604
DS120125
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
General Information
Truth Table for Switch States
Control Logic
The switch is operable in four states (see Truth Table). When VDD is high, the switch is active. The start-up time is defined as
the delay time that control signal(s) cross 0.8V threshold until KF output level is 90% of final RF voltage peak.
Power Sequence
ON Sequence: First turn ON VDD, then apply control signals.
OFF Sequence: First turn OFF the control signals, then turn OFF VDD.
Note:
Not following the power ON/OFF sequence could cause damage to the switch and may affect the long-term reliability of the
device.
Electrical Test Methods
The electrical parameters for the switch were measured on RFMD evaluation board. The test PWB includes means for decou-
pling RF signals from control signal port (shunt capacitor at control signal ports).
All measurements are done with calibration plane at switch pins. The effect of test board losses and phase delay has been
removed from the results.
State
V1
V2
RF Path
1VLOW
VLOW
ANT-RF1
2VLOW
VHIGH
ANT-RF2
3VHIGH
VLOW
ANT-RF3
4VHIGH
VHIGH
ANT-RF4



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com