Electronic Components Datasheet Search
  English  ▼

X  

RF1604 Datasheet(PDF) 3 Page - RF Micro Devices

Part # RF1604
Description  BROADBAND HIGH POWER SP4T SWITCH
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF1604 Datasheet(HTML) 3 Page - RF Micro Devices

  RF1604 Datasheet HTML 1Page - RF Micro Devices RF1604 Datasheet HTML 2Page - RF Micro Devices RF1604 Datasheet HTML 3Page - RF Micro Devices RF1604 Datasheet HTML 4Page - RF Micro Devices RF1604 Datasheet HTML 5Page - RF Micro Devices RF1604 Datasheet HTML 6Page - RF Micro Devices RF1604 Datasheet HTML 7Page - RF Micro Devices RF1604 Datasheet HTML 8Page - RF Micro Devices RF1604 Datasheet HTML 9Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3 of 9
RF1604
DS120125
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
IIP3
RF1, RF2, RF3, RF4-ANT Cell
68
73
dBm
Tone 1: 836.5MHz at 26dBm, Tone 2:
791.5MHz at -20dBm, Receive Freq:
881.5MHz
RF1, RF2, RF3, RF4-ANT IMT
68
73
dBm
Tone 1: 1950MHz at 26dBm, Tone 2:
1760MHz at -20dBm, Receive Freq: 2140MHz
Triple Beat Ratio (TBR)
TBR BC0 (GSM800)
85
99
dBc
VSWR=2:1; Temp=-20°C, 25°C, +85°C
TBR BC1 (PCS)
85
99
dBc
VSWR=2:1; Temp=-20°C, 25°C, +85°C
TBR BC4
85
99
dBc
VSWR=2:1; Temp=-20°C, 25°C, +85°C
TBR BC5 (GSM400)
85
99
dBc
VSWR=2:1; Temp=-20°C, 25°C, +85°C
TBR BC14 (PCS)
85
99
dBc
VSWR=2:1; Temp=-20°C, 25°C, +85°C
TBR BC15 (AWS)
85
99
dBc
VSWR=2:1; Temp=-20°C, 25°C, +85°C
Max Operating Power
35
dBm
VSWR=6:1, Temp= -30
to +85C
Switching Time
Switching Speed ON
2
5
s
50% control to 90% RF
Switching Speed OFF
2
5
s
50% control to 10% RF
Start-Up Time
10
s
Maximum set up time for the switch to reach
fully compliant operation
Supply and Control Signal Characteristics
Switched Supply Voltage (VDD)
VHIGH
2.2
2.5
2.7
V
VLOW
0
0.3
V
Switched Supply Current (VDD)
IHIGH
50
100
APIN=35dBm
ILOW
0mA
Control Voltage (V1, V2)
VHIGH
1.3
1.8
2.6
V
VLOW
00
0.3
V
Control Current (V1, V2)
IHIGH
1.0
5.0
A
ILOW
0.5
1.0
A



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com