Electronic Components Datasheet Search
  English  ▼

X  

RFHA1043 Datasheet(PDF) 7 Page - RF Micro Devices

Part # RFHA1043
Description  150W GaN Power Amplifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFHA1043 Datasheet(HTML) 7 Page - RF Micro Devices

Back Button RFHA1043 Datasheet HTML 3Page - RF Micro Devices RFHA1043 Datasheet HTML 4Page - RF Micro Devices RFHA1043 Datasheet HTML 5Page - RF Micro Devices RFHA1043 Datasheet HTML 6Page - RF Micro Devices RFHA1043 Datasheet HTML 7Page - RF Micro Devices RFHA1043 Datasheet HTML 8Page - RF Micro Devices RFHA1043 Datasheet HTML 9Page - RF Micro Devices RFHA1043 Datasheet HTML 10Page - RF Micro Devices RFHA1043 Datasheet HTML 11Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS131023
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
The information in this publication is believed to be accurate. However, no responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any infringement of patents or other rights of
third parties resulting from its use. No license is granted by implication or otherwise under any patent or patent rights of RFMD. RFMD reserves the right to change component circuitry, recommended
application circuitry and specifications at any time without prior notice.
7 of 11
RFHA1043
Evaluation Board Schematic
Evaluation Board Bill of Materials (BOM)
Quantity
Item
Description
Manufacturer
Manufacturer’s P/N
5
C1, C5, C6, C11, C23
CAP, 33pF, 5%, 500V, HI-Q, ATC-B
American Technical Ceramics
800B330JT500XT
1
C3
CAP, 18pF, 5%, 500V, HI-Q, ATC-B
American Technical Ceramics
800B180JT500XT
2
C4, C9
CAP, 2.0pF, +/-0.1pF, 500V, C0G, ATC-B
American Technical Ceramics
800B2R0BT500X
2
C7, C8
CAP, 2.4pF, +/-0.1pF, 500V, C0G, ATC-B
American Technical Ceramics
800B2R4BT500X
1
C10
CAP, 1.5pF, +/-0.1pF, 500V, C0G, ATC-B
American Technical Ceramics
800B1R5BT500X
3
C2, C19, C20
CAP, 2.7pF, +/-0.1pF, 500V, C0G, ATC-B
American Technical Ceramics
800B2R7BT500X
2
C12, C16
CAP, 0.1µF, 10%, 100V, X7R, 1210
Murata Electronics
GRM32NR72A104KA01L
3
C13, C14, C17
CAP, 4.7µF, 10%, 100V, X7R, 2220
Murata Electronics
GRM55ER72A475KA01L
1
C24
CAP, 100µF, 20%, 50V, AL ELEC, SMD
PANASONIC INDUSTRIAL CO
ECE-V1HA101UP
1
C15
CAP, 330µF, +/-20%, 100V, FC, RAD
PANASONIC INDUSTRIAL CO
EEU-FC2A331
2
R1, R3
RES, 10
Ω, 5%, 1/4W, 1206
PANASONIC INDUSTRIAL CO
ERJ-8GEYJ100V
1
R2
RES, 3.3
Ω, 5%, 1/4W, 1206
PANASONIC INDUSTRIAL CO
ERJ-8GEYJ3R3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com