Electronic Components Datasheet Search
  English  ▼

X  

MRF448 Datasheet(PDF) 1 Page - Tyco Electronics

Part # MRF448
Description  RF POWER TRANSISTOR NPN SILICON
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MRF448 Datasheet(HTML) 1 Page - Tyco Electronics

  MRF448 Datasheet HTML 1Page - Tyco Electronics MRF448 Datasheet HTML 2Page - Tyco Electronics MRF448 Datasheet HTML 3Page - Tyco Electronics MRF448 Datasheet HTML 4Page - Tyco Electronics MRF448 Datasheet HTML 5Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
MRF448
The RF Line
NPN Silicon
RF Power Transistor
Designed primarily for high–voltage applications as a high–power linear
amplifier from 2.0 to 30 MHz. Ideal for marine and base station equipment.
• Specified 50 Volt, 30 MHz Characteristics
Output Power = 250 W
Minimum Gain = 12 dB
Efficiency = 45%
• Intermodulation Distortion @ 250 W (PEP) —
IMD = –30 dB (Max)
• 100% Tested for Load Mismatch at all Phase Angles with 3:1 VSWR
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Collector–Emitter Voltage
VCEO
50
Vdc
Collector–Base Voltage
VCBO
100
Vdc
Emitter–Base Voltage
VEBO
4.0
Vdc
Collector Current — Continuous
IC
16
Adc
Withstand Current — 10 s
—
20
Adc
Total Device Dissipation @ TC = 25°C (1)
Derate above 25
°C
PD
290
1.67
Watts
W/
°C
Storage Temperature Range
Tstg
–65 to +150
°C
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance, Junction to Case
RθJC
0.6
°C/W
ELECTRICAL CHARACTERISTICS (TC = 25°C unless otherwise noted.)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Collector–Emitter Breakdown Voltage (IC = 200 mAdc, IB = 0)
V(BR)CEO
50
—
—
Vdc
Collector–Emitter Breakdown Voltage (IC = 100 mAdc, VBE = 0)
V(BR)CES
100
—
—
Vdc
Collector–Base Breakdown Voltage (IC = 100 mAdc, IE = 0)
V(BR)CBO
100
—
—
Vdc
Emitter–Base Breakdown Voltage (IE = 10 mAdc, IC = 0)
V(BR)EBO
4.0
—
—
Vdc
NOTE:
(continued)
1. PD is a measurement reflecting short term maximum condition. See SOAR curve for operating conditions.
MRF448
250 W, 30 MHz
RF POWER
TRANSISTOR
NPN SILICON
CASE 211–11, STYLE 1
Order this document
by MRF448/D
SEMICONDUCTOR TECHNICAL DATA
1


Similar Part No. - MRF448

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF448 MOTOROLA-MRF448 Datasheet
108Kb / 6P
RF POWER TRANSISTOR NPN SILICON
logo
M/A-COM Technology Solu...
MRF448 MA-COM-MRF448 Datasheet
202Kb / 7P
The RF Line NPN Silicon Power Transistor 250W, 30MHz, 50V
logo
Advanced Semiconductor
MRF448 ASI-MRF448 Datasheet
40Kb / 1P
NPN SILICON RF POWER TRANSISTOR
logo
M/A-COM Technology Solu...
MRF448 MA-COM-MRF448 Datasheet
202Kb / 7P
The RF Line NPN Silicon Power Transistor 250W, 30MHz, 50V
logo
New Jersey Semi-Conduct...
MRF448 NJSEMI-MRF448 Datasheet
87Kb / 2P
NPN Silicon RF Power Transistor
More results

Similar Description - MRF448

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE346 NTE-NTE346 Datasheet
23Kb / 2P
Silicon NPN Transistor RF Power Transistor
logo
Tyco Electronics
MRF16030 MACOM-MRF16030 Datasheet
133Kb / 5P
RF POWER TRANSISTOR NPN SILICON
MRF429 MACOM-MRF429 Datasheet
163Kb / 5P
RF POWER TRANSISTOR NPN SILICON
logo
Advanced Semiconductor
BLV30 ASI-BLV30 Datasheet
13Kb / 1P
NPN SILICON RF POWER TRANSISTOR
MRF315A ASI-MRF315A Datasheet
14Kb / 1P
NPN SILICON RF POWER TRANSISTOR
REV. A
ASIS50-28 ASI-ASIS50-28 Datasheet
20Kb / 1P
NPN SILICON RF POWER TRANSISTOR
MRA0610-18A ASI-MRA0610-18A Datasheet
14Kb / 1P
NPN SILICON RF POWER TRANSISTOR
CM45-28 ASI-CM45-28 Datasheet
15Kb / 1P
NPN SILICON RF POWER TRANSISTOR
BM30-12 ASI-BM30-12 Datasheet
60Kb / 1P
NPN SILICON RF POWER TRANSISTOR
B25-28 ASI-B25-28 Datasheet
14Kb / 1P
NPN SILICON RF POWER TRANSISTOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com