Electronic Components Datasheet Search
  English  ▼

X  

MRF448 Datasheet(PDF) 4 Page - Tyco Electronics

Part # MRF448
Description  RF POWER TRANSISTOR NPN SILICON
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MRF448 Datasheet(HTML) 4 Page - Tyco Electronics

  MRF448 Datasheet HTML 1Page - Tyco Electronics MRF448 Datasheet HTML 2Page - Tyco Electronics MRF448 Datasheet HTML 3Page - Tyco Electronics MRF448 Datasheet HTML 4Page - Tyco Electronics MRF448 Datasheet HTML 5Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Figure 8. Output Resistance and Capacitance
versus Frequency
Figure 9. Series Equivalent Impedance
1.5
f, FREQUENCY (MHz)
24
7
10
30
15
20
VCC = 50 V
ICQ = 250 mA
Pout = 250 W PEP
5000
CP
RP
16
12
8
4
0
20
4000
3000
2000
1000
0
7.0
f = 2.0 MHz
15
30
Zo = 10 Ω
4.0
VCC = 50 V
ICQ = 150 mA
Pout = 250 W PEP
f
MHz
Zin
Ohms
2.0
4.0
7.0
15
30
4.50 - j1.40
3.10 - j1.80
1.70 - j1.75
0.80 - j1.25
0.60 - j0.75
4



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com