Electronic Components Datasheet Search
  English  ▼

X  

MRF448 Datasheet(PDF) 3 Page - Tyco Electronics

Part # MRF448
Description  RF POWER TRANSISTOR NPN SILICON
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MRF448 Datasheet(HTML) 3 Page - Tyco Electronics

  MRF448 Datasheet HTML 1Page - Tyco Electronics MRF448 Datasheet HTML 2Page - Tyco Electronics MRF448 Datasheet HTML 3Page - Tyco Electronics MRF448 Datasheet HTML 4Page - Tyco Electronics MRF448 Datasheet HTML 5Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Figure 2. Output Power versus Input Power
Figure 3. Output Power versus Supply Voltage
Figure 4. Power Gain versus Frequency
Figure 5. RF SOAR (Class AB)
Pout versus Output VSWR
Figure 6. fT versus Collector Current
Figure 7. IMD versus Pout
Pin, INPUT POWER (WATTS)
f = 30 MHz
ICQ = 250 mA
40 V
300
200
0
48
400
100
012
16
20
VCC, SUPPLY VOLTAGE (VOLTS)
300
200
0
30
400
100
20
40
50
60
f = 30, 30.001 MHz
ICQ = 250 mA
IMD = d3
-35 dB
IMD = -30 dB
f, FREQUENCY (MHz)
2
VCC = 50 V
ICQ = 250 mA
Pout = 250 W
20
10
25
15
0
4
7
15
30
5
10
1
OUTPUT VSWR
3
250
200
150
350
300
510
30 50
f = 30 MHz
ICQ = 250 mA
VCC = 50 V
TC = 50°C
100°C
400
5
IC, COLLECTOR CURRENT (AMPS)
250
200
150
100
50
10
15
VCC = 30 V
15 V
020
0
Pout, OUTPUT POWER (WATTS PEP)
25
-25
-30
-35
-40
-45
-50
75
d3
d5
VCC = 50 V
f = 30, 30.001 MHz
125
175
225
275
VCC = 50 V
3



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com