Electronic Components Datasheet Search
  English  ▼

X  

MRF587 Datasheet(PDF) 8 Page - Tyco Electronics

Part # MRF587
Description  HIGH-FREQUENCY TRANSISTOR NPN SILICON
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MRF587 Datasheet(HTML) 8 Page - Tyco Electronics

  MRF587 Datasheet HTML 1Page - Tyco Electronics MRF587 Datasheet HTML 2Page - Tyco Electronics MRF587 Datasheet HTML 3Page - Tyco Electronics MRF587 Datasheet HTML 4Page - Tyco Electronics MRF587 Datasheet HTML 5Page - Tyco Electronics MRF587 Datasheet HTML 6Page - Tyco Electronics MRF587 Datasheet HTML 7Page - Tyco Electronics MRF587 Datasheet HTML 8Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
PACKAGE DIMENSIONS
CASE 244A–01
ISSUE A
MIN
MIN
MAX
MAX
MILLIMETERS
INCHES
DIM
A
B
C
D
E
F
J
K
M
P
S
T
U
7.06
6.20
15.24
0.66
1.40
1.52
0.10
11.17
2.74
1.40
2.92
7.26
6.50
16.51
0.86
1.65
0.15
1.27
3.35
1.78
3.68
0.278
0.244
0.600
0.026
0.055
0.060
0.004
0.440
0.108
0.055
0.115
0.286
0.256
0.650
0.034
0.065
0.006
0.050
0.132
0.070
0.145
STYLE 1:
PIN 1. EMITTER
2. BASE
3. EMITTER
4. COLLECTOR
45° NOM45° NOM
2
1
3
4
K
D
M
A
S
J
C
U
E
B
SEATING
PLANE
8-32 NC 2A
WRENCH FLAT
T
F
P
8
Specifications subject to change without notice.
n North America: Tel. (800) 366-2266, Fax (800) 618-8883
n Asia/Pacific: Tel.+81-44-844-8296, Fax +81-44-844-8298
n Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
Visit www.macom.com for additional data sheets and product information.
REV 6



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com