Electronic Components Datasheet Search
  English  ▼

X  

MRF587 Datasheet(PDF) 5 Page - Tyco Electronics

Part # MRF587
Description  HIGH-FREQUENCY TRANSISTOR NPN SILICON
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MRF587 Datasheet(HTML) 5 Page - Tyco Electronics

  MRF587 Datasheet HTML 1Page - Tyco Electronics MRF587 Datasheet HTML 2Page - Tyco Electronics MRF587 Datasheet HTML 3Page - Tyco Electronics MRF587 Datasheet HTML 4Page - Tyco Electronics MRF587 Datasheet HTML 5Page - Tyco Electronics MRF587 Datasheet HTML 6Page - Tyco Electronics MRF587 Datasheet HTML 7Page - Tyco Electronics MRF587 Datasheet HTML 8Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Figure 13. Input/Output Reflection
Coefficient versus Frequency (GHz)
Figure 14. Forward/Reverse Transmission
Coefficients versus Frequency (GHz)
VCE = 15 V IC = 90 mA
+j50
+j100
+j150
+j250
+j500
-j500
-j250
-j150
-j100
-j50
-j25
-j10
0
+j10
+j25
90°
60°
30°
0°
-30°
-60°
-90°
-120°
-150°
180°
150°
120°
25
50
100 150 250 500
S11
S22
1
0.8
10
0.6
0.4
0.2
1
0.8
0.6
0.4
0.2
25
20
15
10
5
0.1 0.2
0.3
0.4
0.5
S21
S12
0.2
0.4
0.6
1
1
0.8
0.6
0.4
f = 0.1 GHz
f = 0.1 GHz
f = 0.1 GHz
f = 0.1 GHz
VCE
IC
f
S11
S21
S12
S22
VCE
(Volts)
IC
(mA)
f
(MHz)
|S11|
∠ φ
|S21|
∠ φ
|S12|
∠ φ
|S22|
∠ φ
5.0
30
100
200
400
600
800
1000
0.56
0.58
0.60
0.64
0.67
0.70
–131
–159
–178
170
162
155
16.45
9.42
5.00
3.61
2.92
2.55
113
98
86
76
67
58
0.04
0.06
0.08
0.11
0.14
0.17
45
49
55
56
55
54
0.49
0.38
0.35
0.38
0.41
0.44
–91
–116
–132
–138
–144
–152
60
100
200
400
600
800
1000
0.53
0.56
0.59
0.63
0.66
0.69
–141
–164
178
169
161
155
17.89
10.05
5.31
3.82
3.09
2.67
110
97
85
76
67
58
0.04
0.05
0.09
0.12
0.15
0.18
50
55
60
59
57
55
0.47
0.39
0.38
0.40
0.44
0.47
–102
–126
–141
–146
–153
–160
90
100
200
400
600
800
1000
0.52
0.56
0.59
0.63
0.66
0.69
–145
–166
177
168
161
155
18.26
10.20
5.38
3.86
3.12
2.70
109
96
85
76
67
58
0.04
0.05
0.09
0.12
0.15
0.19
52
57
62
60
58
55
0.47
0.39
0.39
0.41
0.45
0.48
–106
–130
–144
–149
–155
–162
10
30
100
200
400
600
800
1000
0.53
0.53
0.55
0.59
0.62
0.65
–122
–153
175
173
165
158
18.36
10.63
5.71
4.16
3.37
2.95
115
100
87
78
68
59
0.04
0.05
0.08
0.10
0.13
0.15
48
51
57
58
57
55
0.50
0.36
0.33
0.35
0.39
0.42
–75
–96
–112
–119
–127
–136
60
100
200
400
600
800
1000
0.49
0.51
0.53
0.58
0.60
0.63
–132
–158
–178
171
164
157
20.19
11.54
6.12
4.43
3.58
3.12
112
99
87
78
68
60
0.03
0.05
0.08
0.11
0.14
0.16
51
57
61
60
59
57
0.46
0.35
0.33
0.36
0.40
0.44
–85
–107
–123
–129
–136
–144
90
100
200
400
600
800
1000
0.48
0.50
0.53
0.57
0.60
0.63
–135
–160
–179
171
164
157
20.82
11.77
6.22
4.50
3.64
3.18
111
98
86
78
68
60
0.03
0.05
0.08
0.11
0.14
0.17
53
59
63
62
59
57
0.45
0.34
0.33
0.36
0.41
0.44
–88
–111
–126
–131
–139
–147
(continued)
Table 1. Common–Emitter S–Parameters
5
REV 6



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com