Electronic Components Datasheet Search
  English  ▼

X  

MRF587 Datasheet(PDF) 1 Page - Tyco Electronics

Part # MRF587
Description  HIGH-FREQUENCY TRANSISTOR NPN SILICON
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MRF587 Datasheet(HTML) 1 Page - Tyco Electronics

  MRF587 Datasheet HTML 1Page - Tyco Electronics MRF587 Datasheet HTML 2Page - Tyco Electronics MRF587 Datasheet HTML 3Page - Tyco Electronics MRF587 Datasheet HTML 4Page - Tyco Electronics MRF587 Datasheet HTML 5Page - Tyco Electronics MRF587 Datasheet HTML 6Page - Tyco Electronics MRF587 Datasheet HTML 7Page - Tyco Electronics MRF587 Datasheet HTML 8Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
MRF587
The RF Line
NPN Silicon
High-Frequency Transistor
. . . designed for use in high–gain, low–noise, ultra–linear, tuned and wideband
amplifiers. Ideal for use in CATV, MATV, and instrumentation applications.
• Low Noise Figure —
NF = 3.0 dB (Typ) @ f = 500 MHz, IC = 90 mA
• High Power Gain —
GU(max) = 16.5 dB (Typ) @ f = 500 MHz
• Ion Implanted
• All Gold Metal System
• High fT — 5.5 GHz
• Low Intermodulation Distortion:
TB3 = –70 dB
DIN = 125 dB
µV
• Nichrome Emitter Ballast Resistors
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Collector–Emitter Voltage
VCEO
17
Vdc
Collector–Base Voltage
VCBO
34
Vdc
Emitter–Base Voltage
VEBO
2.5
Vdc
Collector Current — Continuous
IC
200
mAdc
Total Device Dissipation @ TC = 50°C
Derate above TC = 50°C
PD
5.0
33
Watts
mW/
°C
Storage Temperature Range
Tstg
– 65 to +150
°C
Junction Temperature
TJ
200
°C
ELECTRICAL CHARACTERISTICS (TC = 25°C unless otherwise noted.)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Collector–Emitter Breakdown Voltage
(IC = 5.0 mAdc, IB = 0)
V(BR)CEO
17
—
—
Vdc
Collector–Base Breakdown Voltage
(IC = 1.0 mAdc, IE = 0)
V(BR)CBO
34
—
—
Vdc
Emitter–Base Breakdown Voltage
(IC = 0, IE = 0.1 mAdc)
V(BR)EBO
2.5
—
—
Vdc
Collector Cutoff Current
(VCB = 10 Vdc, IE = 0)
ICBO
—
—
50
µAdc
ON CHARACTERISTICS
DC Current Gain (1)
(IC = 50 mAdc, VCE = 5.0 Vdc)
hFE
50
—
200
—
NOTE:
(continued)
1. 300
µs pulse on Tektronix 576 or equivalent.
MRF587
NF = 3.0 dB @ 0.5 GHz
HIGH–FREQUENCY
TRANSISTOR
NPN SILICON
CASE 244A–01, STYLE 1
Order this document
by MRF587/D
SEMICONDUCTOR TECHNICAL DATA
1
REV 6


Similar Part No. - MRF587

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF587 MOTOROLA-MRF587 Datasheet
155Kb / 8P
HIGH-FREQUENCY TRANSISTOR NPN SILICON
logo
M/A-COM Technology Solu...
MRF587 MA-COM-MRF587 Datasheet
341Kb / 12P
The RF Line NPN Silicon High Frequency Transistor Noise Figure 3.0 dB@ 500MHz
logo
Advanced Semiconductor
MRF587 ASI-MRF587 Datasheet
17Kb / 1P
NPN SILICON RF POWER TRANSISTOR
logo
M/A-COM Technology Solu...
MRF587 MA-COM-MRF587 Datasheet
341Kb / 12P
The RF Line NPN Silicon High Frequency Transistor
MRF587 MA-COM-MRF587_15 Datasheet
859Kb / 12P
The RF Line NPN Silicon High Frequency Transistor
More results

Similar Description - MRF587

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor
LT1001A ASI-LT1001A Datasheet
13Kb / 1P
NPN SILICON HIGH FREQUENCY TRANSISTOR
REV. A
logo
NEC
NE662M16 NEC-NE662M16 Datasheet
63Kb / 9P
NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
Advanced Semiconductor
BLX65S ASI-BLX65S Datasheet
28Kb / 1P
NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
List of Unclassifed Man...
NE696M01 ETC-NE696M01 Datasheet
105Kb / 6P
NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
California Eastern Labs
UPA810T CEL-UPA810T Datasheet
207Kb / 3P
NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
Advanced Semiconductor
MRF586 ASI-MRF586 Datasheet
17Kb / 1P
NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
New Jersey Semi-Conduct...
2N6376 NJSEMI-2N6376 Datasheet
117Kb / 1P
NPN SILICON HIGH-FREQUENCY TRANSISTOR
logo
California Eastern Labs
UPA801T CEL-UPA801T_09 Datasheet
462Kb / 7P
NPN SILICON HIGH FREQUENCY TRANSISTOR
UPA802T CEL-UPA802T_09 Datasheet
606Kb / 9P
NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
Central Semiconductor C...
CM5943 CENTRAL-CM5943_15 Datasheet
97Kb / 2P
NPN SILICON HIGH FREQUENCY TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com