Electronic Components Datasheet Search
  English  ▼

X  

SGA3563Z Datasheet(PDF) 4 Page - RF Micro Devices

Part # SGA3563Z
Description  DC to 5000MHz, CASCADABLE SiGe HBT MMIC AMPLIFIER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

SGA3563Z Datasheet(HTML) 4 Page - RF Micro Devices

  SGA3563Z Datasheet HTML 1Page - RF Micro Devices SGA3563Z Datasheet HTML 2Page - RF Micro Devices SGA3563Z Datasheet HTML 3Page - RF Micro Devices SGA3563Z Datasheet HTML 4Page - RF Micro Devices SGA3563Z Datasheet HTML 5Page - RF Micro Devices SGA3563Z Datasheet HTML 6Page - RF Micro Devices SGA3563Z Datasheet HTML 7Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4 of 7
DS111011
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
SGA3563Z
Typical RF Performance Over Lead Temperature -- Bias: ID= 35 mA (Typ.) at TLEAD = +25ºC
|S
11| vs. Frequency
|S
21| vs. Frequency
|S
12| vs. Frequency
|S
22| vs. Frequency
0
8
16
24
32
01
234
5
6
Frequency (GHz)
-40C
25C
+85C
-40
-30
-20
-10
0
01
23
4
5
6
Frequency (GHz)
-40C
+25C
+85C
-40
-30
-20
-10
0
01
23
4
5
6
Frequency (GHz)
-40C
+25C
+85C
-40
-30
-20
-10
0
01
2
3
4
5
6
Frequency (GHz)
-40C
+25C
+85C



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com