Electronic Components Datasheet Search
  English  ▼

X  

SGA3563Z Datasheet(PDF) 6 Page - RF Micro Devices

Part # SGA3563Z
Description  DC to 5000MHz, CASCADABLE SiGe HBT MMIC AMPLIFIER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

SGA3563Z Datasheet(HTML) 6 Page - RF Micro Devices

  SGA3563Z Datasheet HTML 1Page - RF Micro Devices SGA3563Z Datasheet HTML 2Page - RF Micro Devices SGA3563Z Datasheet HTML 3Page - RF Micro Devices SGA3563Z Datasheet HTML 4Page - RF Micro Devices SGA3563Z Datasheet HTML 5Page - RF Micro Devices SGA3563Z Datasheet HTML 6Page - RF Micro Devices SGA3563Z Datasheet HTML 7Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
6 of 7
DS111011
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
SGA3563Z
Application Schematic
Evaluation Board Layout
RF in
RF out
1 uF
C
B
C
B
C
D
V
S
R
BIAS
L
C
3
4,5
6
1,2
1000
pF
SGA3563Z
R
LDC
Bias
Inductor
V
D
I
D
Recommended Bias Resistance for I
D = 35 mA
Supply Voltage (V
S )
(Volts)
<
5
56
7
8
9
1
0
Bias Resistance*
(Ohms)
N/R
50
79
107
136
164
193
* Bias Resistance = R
BIAS+ RLDC = ( VS-VD ) / ID
Select R
BIAS so that
R
BIAS + RLDC ~ the recommended bias resistance.
Use 1% or 5 % tolerance resisistors or parallel combinations to attain the
recommended bias resistance +/- 3%. R
BIAS provides current stability over
temperature.
* N/R=Not Recommended.
Contact Sirenza technical support for
guidance when available supply voltage is less than 5 Volts.
Application Circuit Element Values
Reference
Designator
Frequency (Mhz)
100
500
850
1950
2400
3500
C
B
1000 pF
220 pF 100 pF
68 pF
56 pF
39 pF
C
D
100 pF
100 pF
68 pF
22 pF
22 pF
15 pF
L
C
470 nH
68 nH
33 nH
22 nH
18 nH
15 nH



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com