Electronic Components Datasheet Search
  English  ▼

X  

SGA7489Z Datasheet(PDF) 3 Page - RF Micro Devices

Part # SGA7489Z
Description  DC to 3000MHz SILICON GERMANIUM HBT CASCADABLE GAIN BLOCK
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

SGA7489Z Datasheet(HTML) 3 Page - RF Micro Devices

  SGA7489Z Datasheet HTML 1Page - RF Micro Devices SGA7489Z Datasheet HTML 2Page - RF Micro Devices SGA7489Z Datasheet HTML 3Page - RF Micro Devices SGA7489Z Datasheet HTML 4Page - RF Micro Devices SGA7489Z Datasheet HTML 5Page - RF Micro Devices SGA7489Z Datasheet HTML 6Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3 of 6
DS100915
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
SGA7489Z
6
12
18
24
30
0
500
1000
1500
2000
2500
3000
Frequency (MHz)
+25°C
-40°C
+85°C
T
L
T
L
T
L
Typical RF Performance Over Temperature (Bias: V
S= 8.0 V,
Bias Resistance=26 Ohms, I
D= 115 mA )
|S
11| vs. Frequency
|S
21| vs. Frequency
|S
12| vs. Frequency
|S
22| vs. Frequency
T
L
-30
-25
-20
-15
-10
-5
0
0
500
1000
1500
2000
2500
3000
Frequency (MHz)
+25°C
-40°C
+85°C
-30
-25
-20
-15
-10
-5
0
0
500
1000
1500
2000
2500
3000
Frequency (MHz)
+25°C
-40°C
+85°C
-30
-25
-20
-15
-10
0
500
1000
1500
2000
2500
3000
Frequency (MHz)
+25°C
-40°C
+85°C
ID vs. VD Variation over Temperature
VSUPPLY= 8 V, Bias Resistance = 26 Ohms
80
90
100
110
120
130
140
150
4.70
4.80
4.90
5.00
5.10
5.20
5.30
VD (Volts)
-40°C
+85°C
+25°C
Plot of VD vs. Temp. @ID=115 mA
4.7
4.8
4.9
5.0
5.1
5.2
5.3
-40
-15
10
35
60
85
Temperature (°C)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com