Electronic Components Datasheet Search
  English  ▼

X  

SGA7489Z Datasheet(PDF) 1 Page - RF Micro Devices

Part # SGA7489Z
Description  DC to 3000MHz SILICON GERMANIUM HBT CASCADABLE GAIN BLOCK
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

SGA7489Z Datasheet(HTML) 1 Page - RF Micro Devices

  SGA7489Z Datasheet HTML 1Page - RF Micro Devices SGA7489Z Datasheet HTML 2Page - RF Micro Devices SGA7489Z Datasheet HTML 3Page - RF Micro Devices SGA7489Z Datasheet HTML 4Page - RF Micro Devices SGA7489Z Datasheet HTML 5Page - RF Micro Devices SGA7489Z Datasheet HTML 6Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Features
1 of 6
Optimum Technology
Matching® Applied
GaAs HBT
InGaP HBT
GaAs MESFET
SiGe BiCMOS
Si BiCMOS
SiGe HBT
GaAs pHEMT
Si CMOS
Si BJT
GaN HEMT
RF MICRO DEVICES®, RFMD®, Optimum Technology Matching®, Enabling Wireless Connectivity™, PowerStar®, POLARIS™ TOTAL RADIO™ and UltimateBlue™ are trademarks of RFMD, LLC. BLUETOOTH is a trade-
mark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names, trademarks and registered trademarks are the property of their respective owners. ©2006, RF Micro Devices, Inc.
Product Description
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
InP HBT
LDMOS
RF MEMS
SGA7489Z
DC to 3000MHz SILICON GERMANIUM HBT
CASCADABLE GAIN BLOCK
The SGA7489Z is a high performance SiGe HBT MMIC Amplifier. A Darling-
ton configuration featuring one-micron emitters provides high FT and
excellent thermal performance. The heterojunction increases breakdown
voltage and minimizes leakage current between junctions. Cancellation of
emitter junction non-linearities results in higher suppression of intermodu-
lation products. Only two DC-blocking capacitors, a bias resistor, and an
optional RF choke are required for operation.
Gain, Return Loss, and Isolation vs. Frequency
VD=5.0V, ID=115mA(Typ), TLEAD=+25C
0
5
10
15
20
25
30
0
500
1000
1500
2000
2500
3000
Frequency (MHz)
-30
-25
-20
-15
-10
-5
0
Input Return
Loss
Output
Return Loss
Isolation
Gain
DC to 3000MHz Operation
Very High IF Output IP3:
39dBm at 100MHz
High Output IP3: +35.5dBm
typ. at 850MHz
Low Noise Figure: 3.3dB typ.
at 1950MHz
Applications
Oscillator Amplifiers
PA for Low/Medium Power
Applications
IF/RF Buffer Amplifier
Drivers for CATV Amplifiers
LO Driver Amplifier
DS100915
Package: SOT-89
SGA7489ZDC
to 3000MHz
Silicon Germa-
nium HBT Cas-
cadable Gain
Block
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Small Signal Gain
20.0
21.5
23.0
dB
850MHz
17.0
18.5
20.0
dB
1950MHz
Output Power at 1dB Compression
22.4
dBm
850MHz
18.5
20.0
dBm
1950MHz
Output Third Intercept Point
39.0
dBm
100MHz
35.5
dBm
850MHz
31.0
33.0
dBm
1950MHz
36.0*
dBm
1950MHz, Using 2GHz App. Ckt.
Bandwidth Determined by Return
Loss
3000
MHz
>9dB
Input Return Loss
10.3
15.0
dB
1950MHz
Output Return Loss
9.0
11.0
dB
1950MHz
Noise Figure
3.3
4.3
dB
1950MHz, ZS=50Ω
Reverse Isolation
23.0
dB
1950MHz
Device Operating Voltage
4.7
5.0
5.3
V
Device Operating Current
103
115
127
mA
Thermal Resistance
(Junction - Lead)
82
°C/W
Test Conditions: VS=8V, ID=115mA Typ., OIP3 Tone Spacing=1MHz, POUT per tone=0dBm, RBIAS=26Ω, TL=25°C, ZS=ZL=50Ω


Similar Part No. - SGA7489Z

ManufacturerPart #DatasheetDescription
logo
ITT Industries
SGA ITT-SGA Datasheet
124Kb / 4P
ARINC 600 Rack and Panel Connectors
logo
Galaxy Semi-Conductor H...
SGA BILIN-SGA Datasheet
75Kb / 2P
SURFACE MOUNT RECTIFIER
logo
Stanford Microdevices
SGA-0163 STANFORD-SGA-0163 Datasheet
258Kb / 5P
DC-4500MHZ SILICON GERMANIUM CASCADEABLE GAIN BLOCK
logo
SIRENZA MICRODEVICES
SGA-0163 SIRENZA-SGA-0163 Datasheet
249Kb / 5P
DC-4500 MHz, Silicon Germanium Cascadeable Gain Block
SGA-0163Z SIRENZA-SGA-0163Z Datasheet
249Kb / 5P
DC-4500 MHz, Silicon Germanium Cascadeable Gain Block
More results

Similar Description - SGA7489Z

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SGA-1263 ETC-SGA-1263 Datasheet
331Kb / 7P
DC-4000 MHZ SILICON GERMANIUM HBT CASCADEABLE GAIN BLOCK
logo
Stanford Microdevices
SGA-2386 STANFORD-SGA-2386 Datasheet
230Kb / 7P
DC-2800 MHz Silicon Germanium HBT Cascadeable Gain Block
logo
SIRENZA MICRODEVICES
SGA-1163 SIRENZA-SGA-1163 Datasheet
321Kb / 7P
DC-6000 MHz SILICON GERMANIUM HBT CASCADEABLE GAIN BLOCK
SGA-1263 SIRENZA-SGA-1263 Datasheet
331Kb / 7P
DC-4000 MHZ SILICON GERMANIUM HBT CASCADEABLE GAIN BLOCK
SGA-7489 SIRENZA-SGA-7489 Datasheet
99Kb / 4P
DC-3000 MHz Silicon Germanium HBT Cascadeable Gain Block
logo
Stanford Microdevices
SGA-1263 STANFORD-SGA-1263 Datasheet
248Kb / 7P
DC-4000 MHz Silicon Germanium HBT Cascadeable Gain Block
logo
RF Micro Devices
SGA0163Z RFMD-SGA0163Z Datasheet
324Kb / 6P
DC to 4500MHz, SILICON GERMANIUM CASCADABLE GAIN BLOCK
SGA0363Z RFMD-SGA0363Z Datasheet
322Kb / 6P
DC to 5000MHz, SILICON GERMANIUM CASCADABLE GAIN BLOCK
SGA1263Z RFMD-SGA1263Z Datasheet
563Kb / 6P
DCto4000MHz SILICON GERMANIUM HBT CASCADABLE GAIN BLOCK
SGA5263Z RFMD-SGA5263Z Datasheet
330Kb / 6P
DC to 4500MHz, Silicon Germanium Cascadable Gain Block
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com