Electronic Components Datasheet Search
  English  ▼

X  

SGA7489Z Datasheet(PDF) 4 Page - RF Micro Devices

Part # SGA7489Z
Description  DC to 3000MHz SILICON GERMANIUM HBT CASCADABLE GAIN BLOCK
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

SGA7489Z Datasheet(HTML) 4 Page - RF Micro Devices

  SGA7489Z Datasheet HTML 1Page - RF Micro Devices SGA7489Z Datasheet HTML 2Page - RF Micro Devices SGA7489Z Datasheet HTML 3Page - RF Micro Devices SGA7489Z Datasheet HTML 4Page - RF Micro Devices SGA7489Z Datasheet HTML 5Page - RF Micro Devices SGA7489Z Datasheet HTML 6Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4 of 6
DS100915
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
SGA7489Z
Application Schematic
Evaluation Board Layout
Mounting Instructions:
1. Solder the copper pad on the backside of the device package to the ground plane.
2. Use a large ground pad area with many plated through-holes as shown.
3. We recommend 1 or 2 ounce copper. Measurements for this data sheet were made on a 31mil thick FR-4 board with 1
ounce copper on both sides.
Pin
Function
Description
1RF IN
RF input pin. This pin requires the use of an external DC blocking capacitor chosen for the frequency of operation.
2, 4
GND
Connection to ground. Use via holes for best performance to reduce lead inductance as close to ground leads as possi-
ble.
3RF OUT/BIAS RF output and bias pin. DC voltage is present on this pin, therefore a DC blocking capacitor is necessary for proper oper-
ation.
RF in
RF out
1 uF
C
B
C
B
C
D
V
S
R
BIAS
L
C
1
2
3
4
1000
pF
SGA7489Z
R
LDC
Bias
Inductor
V
D
I
D
e
c
n
e
r
e
f
e
R
r
o
t
a
n
g
i
s
e
D
)
z
h
M
(
y
c
n
e
u
q
e
r
F
0
0
1
0
0
5
0
5
8
0
5
9
1
0
0
4
2
C
B
F
p
0
0
0
1F
p
0
2
2F
p
0
0
1F
p
8
6F
p
6
5
C
D
F
p
0
0
1F
p
0
0
1F
p
8
6F
p
2
2F
p
2
2
L
C
H
n
0
7
4H
n
8
6H
n
3
3H
n
2
2H
n
8
1
I
r
o
f
e
c
n
a
t
s
i
s
e
R
s
a
i
B
d
e
r
i
u
q
e
R
D
A
m
5
1
1
=
R
=
e
c
n
a
t
s
i
s
e
R
s
a
i
B
S
A
I
B
R
+
C
D
L
V
(
=
S V
-
D
I
/
)
D
V
(
e
g
a
t
l
o
V
y
l
p
p
u
S
S)V
7V
8V
9V
2
1
e
c
n
a
t
s
i
s
e
R
s
a
i
B7
16
25
31
6
.
e
r
u
t
a
r
e
p
m
e
t
r
e
v
o
y
t
il
i
b
a
t
s
t
n
e
r
r
u
c
s
e
v
o
r
p
m
i
r
o
t
s
i
s
e
r
s
a
i
B



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com