Electronic Components Datasheet Search
  English  ▼

X  

RFPA1545 Datasheet(PDF) 2 Page - RF Micro Devices

Part # RFPA1545
Description  No Power Supply Sequencing
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFPA1545 Datasheet(HTML) 2 Page - RF Micro Devices

  RFPA1545 Datasheet HTML 1Page - RF Micro Devices RFPA1545 Datasheet HTML 2Page - RF Micro Devices RFPA1545 Datasheet HTML 3Page - RF Micro Devices RFPA1545 Datasheet HTML 4Page - RF Micro Devices RFPA1545 Datasheet HTML 5Page - RF Micro Devices RFPA1545 Datasheet HTML 6Page - RF Micro Devices RFPA1545 Datasheet HTML 7Page - RF Micro Devices RFPA1545 Datasheet HTML 8Page - RF Micro Devices RFPA1545 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS150728
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
RF MICRO DEVICES
® and RFMD® are trademarks of RFMD, LLC. BLUETOOTH is a trademark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names,
trademarks, and registered trademarks are the property of their respective owners. ©2013, RF Micro Devices, Inc.
2 of 19
Absolute Maximum Ratings
Parameter
Rating
Unit
Supply Voltage (VCC and VBIAS)
8.5
V
Device Current
2800
mA
VREG Current
10
mA
VREG Device Current
3.5
V
CW Input Power, 50
Ω Load, 460MHz, 748MHz and 940MHz Bands
30
dBm
Modulated (WCDMA) Input Power, 6:1 Output VSWR, 460MHz Band
23
dBm
Modulated (WCDMA) Input Power, 6:1 Output VSWR, 748MHz and
940MHz Bands
27
dBm
Storage Temperature
-40 to +150
°C
ESD Rating
– Human Body Model (HBM)
Class 2
Moisture Sensitivity Level
MSL2
Notes:
1. The maximum ratings must all be met simultaneously.
2. PDISS = PDC+PRFIN-PRFOUT
3. TJ=TL+PDISS*RTH
Caution! ESD sensitive device.
RFMD Green: RoHS status based on EU
Directive 2011/65/EU (at time of this
document revision), halogen free per IEC
61249-2-21, < 1000ppm each of
antimony trioxide in polymeric materials
and red phosphorus as a flame retardant,
and <2% antimony in solder.
Exceeding any one or a combination of the Absolute
Maximum Rating conditions may cause permanent
damage to the device. Extended application of Absolute
Maximum Rating conditions to the device may reduce
device reliability. Specified typical performance or
functional operation of the device under Absolute
Maximum Rating conditions is not implied.
Recommended Operating Condition
Parameter
Specification
Unit
Min
Typ
Max
Operating Temperature Range
-40
+105
°C
Operating Junction Temperature1
160
°C
Collector Voltage
5
5.5
V
Note 1: MTTF 1E6 Hours
Nominal Operating Parameters
Parameter
Specification
Unit
Condition
Min
Typ
Max
450MHz to 470MHz Band
VCC = VBIAS = VREG = 5V, Temp = 25°C, Optimized
for ACPR At Rated Power
Frequency
460
MHz
Gain
19.5
dB
Output IP3
49
dBm
POUT 20dBm per tone, 1MHz spacing
ACPR
-48.5
dBc
RF Output Power = 25.5dBm, WCDMA 3GPP 3.5, test model 1, 64 DPCH
Output P1dB
35
dBm
Input Return Loss
14
dB
Output Return Loss
7
dB
Noise Figure
5
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com