Electronic Components Datasheet Search
  English  ▼

X  

RFPA1545 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RFPA1545
Description  No Power Supply Sequencing
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFPA1545 Datasheet(HTML) 1 Page - RF Micro Devices

  RFPA1545 Datasheet HTML 1Page - RF Micro Devices RFPA1545 Datasheet HTML 2Page - RF Micro Devices RFPA1545 Datasheet HTML 3Page - RF Micro Devices RFPA1545 Datasheet HTML 4Page - RF Micro Devices RFPA1545 Datasheet HTML 5Page - RF Micro Devices RFPA1545 Datasheet HTML 6Page - RF Micro Devices RFPA1545 Datasheet HTML 7Page - RF Micro Devices RFPA1545 Datasheet HTML 8Page - RF Micro Devices RFPA1545 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS150728
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
RF MICRO DEVICES
® and RFMD® are trademarks of RFMD, LLC. BLUETOOTH is a trademark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names,
trademarks, and registered trademarks are the property of their respective owners. ©2013, RF Micro Devices, Inc.
1 of 19
RFPA1545
4W P1dB, 5V Linear Power Amplifier
150MHz to 1000MHz
The RFPA1545 is a single-stage GaAs HBT power amplifier
specifically designed for high power, high efficiency applications.
It is also well-suited for Wireless infrastructure linear driver
amplifier applications. The RFPA1545 can be optimized for either
linear or saturated operation over sub-bands within 150MHz to
1000MHz. It also offers low noise figure making it an excellent
solution for 2nd and 3rd stage LNAs. The RFPA1545 exhibits
excellent thermal performance through the use of a thermally-
enhanced plastic surface-mount slug package.
NC
RFOUT/VCC
RFOUT/VCC
2
3
4
5
6
RFIN
12
11
10
9
8
7
NC
RFOUT/VCC
1
RFIN
RFIN
RFOUT/VCC
VREF
VBIAS
RFIN
Functional Block Diagram
Ordering Information
RFPA1545SQ
Sample bag with 25 pieces
RFPA1545SR
7" Reel with 100 pieces
RFPA1545TR13
13" Reel with 2500 pieces
RFPA1545PCK-410
450MHz to 470MHz PCBA with 5-piece sample
bag
RFPA1545PCK-411
728MHz to 768MHz PCBA with 5-piece sample
bag
RFPA1545PCK-412
920MHz to 960MHz PCBA with 5-piece sample
bag
Package: DFN, 12-pin,
4.0mm x 5.0mm
Features
■
Flexible Bias for DPD, APD or
Uncorrected Linear
Applications
■
Uncorrected WCDMA Pout at
25.5dBm, 48dBc ACPR, PAR
10dB at 5V
■
Gain = 17dB at 945MHz
■
Externally Matched for Band
Selection
■
VCC = 3V to 7V
■
No Power Supply Sequencing
■
No Negative Supply Voltage
Applications
■
Small Cell Base Station,
Picocell, Output Power
Amplification
■
Driver Amplifier for
Commercial Wireless
Infrastructure
■
General Purpose Power
Amplifier
RFPA1545


Similar Part No. - RFPA1545

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFPA1012 RFMD-RFPA1012 Datasheet
1Mb / 11P
GaAs HBT 400MHz to 2700MHz Power Amplifier
RFPA1012PCK-411 RFMD-RFPA1012PCK-411 Datasheet
1Mb / 11P
GaAs HBT 400MHz to 2700MHz Power Amplifier
RFPA1012PCK-412 RFMD-RFPA1012PCK-412 Datasheet
1Mb / 11P
GaAs HBT 400MHz to 2700MHz Power Amplifier
RFPA1012SQ RFMD-RFPA1012SQ Datasheet
1Mb / 11P
GaAs HBT 400MHz to 2700MHz Power Amplifier
RFPA1012SR RFMD-RFPA1012SR Datasheet
1Mb / 11P
GaAs HBT 400MHz to 2700MHz Power Amplifier
More results

Similar Description - RFPA1545

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1964 MAXIM-MAX1964 Datasheet
475Kb / 30P
Tracking/Sequencing Triple/Quintuple Power-Supply Controllers
Rev 0; 7/01
logo
Intersil Corporation
ISL6123 INTERSIL-ISL6123_07 Datasheet
502Kb / 21P
Power Sequencing Controllers
February 5, 2007
logo
Lattice Semiconductor
ISPPAC-POWR604 LATTICE-ISPPAC-POWR604 Datasheet
266Kb / 29P
In-System Programmable Power Supply Sequencing Controller and Monitor
logo
Intersil Corporation
ISL6123 INTERSIL-ISL6123 Datasheet
516Kb / 23P
Power Sequencing Controllers
August 25, 2011
ISL8723 INTERSIL-ISL8723 Datasheet
301Kb / 14P
Power Sequencing Controllers
April 22, 2009
ISL6123 INTERSIL-ISL6123_11 Datasheet
747Kb / 23P
Power Sequencing Controllers
August 25, 2011
logo
Altera Corporation
ES1021QI ALTERA-ES1021QI Datasheet
904Kb / 14P
Power Sequencing Controller
logo
Renesas Technology Corp
ISL8723 RENESAS-ISL8723 Datasheet
663Kb / 14P
Power Sequencing Controllers
logo
PHOENIX CONTACT
FL-ISOLATOR-1000-RJ PHOENIX-FL-ISOLATOR-1000-RJ Datasheet
96Kb / 4P
No power supply required
logo
Maxim Integrated Produc...
MAX15023EVKIT MAXIM-MAX15023EVKIT Datasheet
254Kb / 10P
Configurable for Power-Supply Sequencing Operation
Rev 0; 9/08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com