Electronic Components Datasheet Search
  English  ▼

X  

RFPA1545 Datasheet(PDF) 8 Page - RF Micro Devices

Part # RFPA1545
Description  No Power Supply Sequencing
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFPA1545 Datasheet(HTML) 8 Page - RF Micro Devices

Back Button RFPA1545 Datasheet HTML 4Page - RF Micro Devices RFPA1545 Datasheet HTML 5Page - RF Micro Devices RFPA1545 Datasheet HTML 6Page - RF Micro Devices RFPA1545 Datasheet HTML 7Page - RF Micro Devices RFPA1545 Datasheet HTML 8Page - RF Micro Devices RFPA1545 Datasheet HTML 9Page - RF Micro Devices RFPA1545 Datasheet HTML 10Page - RF Micro Devices RFPA1545 Datasheet HTML 11Page - RF Micro Devices RFPA1545 Datasheet HTML 12Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS150728
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
The information in this publication is believed to be accurate. However, no responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any infringement of patents or other rights of
third parties resulting from its use. No license is granted by implication or otherwise under any patent or patent rights of RFMD. RFMD reserves the right to change component circuitry, recommended
application circuitry and specifications at any time without prior notice.
8 of 19
RFPA1545
Evaluation Board Bill of Materials (BOM) 450MHz to 470MHz Application Circuit
Description
Reference Designator
Manufacturer
Manufacturer's P/N
RFPA1545
U1
RFMD
RFPA1545
PCB
NA
DDI
PA1545-410(A)
RES, 412
Ω, 5%, 1/16W, 0402
R1
Panasonic
ERJ-2RKF4120X
CAP, 0.1µF, 10%, 10V, X5R, 0402
C2
Murata Electronics
GRM155R61A104KA01E
CAP, 10µF, +80% / -20%, 10V, Y5V,
1206
C1, C17, C19
Murata Electronics
GRM31MF51A106ZA01L
CAP, 10pF, 5%, 50V, C0G, 0402
C13
Murata Electronics
GRM1555C1H100JA01D
CAP, 22pF, 5%, 50V, C0G, 0402
C26
Murata Electronics
GRM1555C1H220JA01D
CAP, 12pF, 5%, 50V, HI-Q, 0402
C45
Murata Electronics
GJM1555C1H120JB01E
CAP, 15pF, 5%, 50V, HI-Q, 0402
C41
Murata Electronics
GJM1555C1H150JB01D
CAP, 27pF, 5%, 50V, C0G, 0402
C10
Murata Electronics
GRM1555C1H270JA01D
CAP, 220pF, 10%, 50V, X7R, 0402
C11, C4
Murata Electronics
GRM155R71H221KA01E
CAP, 1000pF, 10%, 50V, X7R, 0402
C3
Murata Electronics
GRM155R71H102KA01E
IND, 4.3nH, +/-0.1nH, T/F, 0402
C20
Murata Electronics
LQP15MN4N3B02D
IND, 1.5nH, +/-0.1nH, W/W, 0402
C21
Murata Electronics
LQW15AN1N5B00D
RES, 2K, 5%, 1/16W, 0402
R4-R5
Kamaya
RMC1/16S-202JTH
IND, 47nH, 5%, W/W, 0603
L1
Coilcraft
0603HC-47NXJLW
CONN, HOUSING, 5 POS, 0.100 HI
PRESS
P1
Molex
10/11/2053
CONN, SMA, ST JACK REC, FLNG
MT, T/H
J1-J2
Johnson Co.
142-0721-631



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com