Electronic Components Datasheet Search
  English  ▼

X  

SGL0163Z Datasheet(PDF) 5 Page - RF Micro Devices

Part # SGL0163Z
Description  100MHz to 1300MHz SILICON GERMANIUM CASCADABLE LOW NOISE AMPLIFIER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

SGL0163Z Datasheet(HTML) 5 Page - RF Micro Devices

  SGL0163Z Datasheet HTML 1Page - RF Micro Devices SGL0163Z Datasheet HTML 2Page - RF Micro Devices SGL0163Z Datasheet HTML 3Page - RF Micro Devices SGL0163Z Datasheet HTML 4Page - RF Micro Devices SGL0163Z Datasheet HTML 5Page - RF Micro Devices SGL0163Z Datasheet HTML 6Page - RF Micro Devices SGL0163Z Datasheet HTML 7Page - RF Micro Devices SGL0163Z Datasheet HTML 8Page - RF Micro Devices SGL0163Z Datasheet HTML 9Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5 of 9
DS111011
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
SGL0163Z
Gain vs. Frequency @ TLEAD=+25C
400-500 MHz Series L Application Circuit
14
15
16
17
18
19
20
21
22
23
24
400
410
420
430
440
450
460
470
480
490
500
Frequency(MHz)
VS=3V, ID=11mA
VS=4V, ID=23mA
Gain vs. Frequency @ TLEAD=+25C
400-500 MHz Series L Application Circuit
-20
-16
-12
-8
-4
0
400
410
420
430
440
450
460
470
480
490
500
Frequency(MHz)
IRL, VS=3V
IRL, VS=4V
ORL, VS=3V
ORL, VS=4V
RF Performance - 400-500MHz Series L Application Circuit
Freq
Gain
(dB)
P1dB
(dBm)
IIP3
(dBm)
OIP3
(dBm)
NF
(dB)
400 MHz
22.0
4.4
1.3
23.1
1.1
450 MHz
21.3
5.0
3.2
24.7
1.3
500 MHz
20.6
5.7
4.1
24.7
1.3
Freq
Gain
(dB)
P1dB
(dBm)
IIP3
(dBm)
OIP3
(dBm)
NF
(dB)
400 MHz
23.1
10.9
6.5
29.6
2.0
450 MHz
22.2
11.4
8.1
30.3
2.1
500 MHz
21.2
12.0
7.8
28.9
2.1
VS=3V, ID=11mA (Typ.)
VS=4V, ID=24mA (Typ.)
RF Performance - 100-800 MHz RC Feedback Application Circuit
Return Loss vs. Frequency @ TLEAD=+25C
100-800 MHz Feedback Application Circuit
-30
-25
-20
-15
-10
-5
0
100
150
200
250
300
350
400
450
500
550
600
650
700
750
800
Frequency(MHz)
IRL, VS=3V
IRL, VS=4V
ORL, VS=3V
ORL, VS=4V
Gain vs. Frequency @ TLEAD=+25C
100-800 MHz Feedback Application Circuit
14
16
18
20
22
24
26
28
30
100
150
200
250
300
350
400
450
500
550
600
650
700
750
800
Frequency(MHz)
VS=3V, ID=11mA
VS=4V, ID=23mA
Freq
Gain
(dB)
P1dB
(dBm)
IIP3
(dBm)
OIP3
(dBm)
NF
(dB)
100 MHz
23.9
3.5
-6.8
17.1
1.4
300 MHz
21.4
3.4
-2.5
18.9
1.2
500 MHz
18.7
3.5
0.1
18.8
1.2
800 MHz
15.2
3.7
4.3
19.5
1.2
Freq
Gain
(dB)
P1dB
(dBm)
IIP3
(dBm)
OIP3
(dBm)
NF
(dB)
100 MHz
26.3
9.2
-4.1
22.2
2.2
300 MHz
23.0
9.8
2.2
25.1
1.9
500 MHz
19.8
9.9
5.2
25.0
1.7
800 MHz
16.1
10.0
9.7
25.8
1.7
VS=3V, ID=11mA (Typ.)
VS=4V, ID=23mA (Typ.)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com