Electronic Components Datasheet Search
  English  ▼

X  

SGL0163Z Datasheet(PDF) 6 Page - RF Micro Devices

Part # SGL0163Z
Description  100MHz to 1300MHz SILICON GERMANIUM CASCADABLE LOW NOISE AMPLIFIER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

SGL0163Z Datasheet(HTML) 6 Page - RF Micro Devices

  SGL0163Z Datasheet HTML 1Page - RF Micro Devices SGL0163Z Datasheet HTML 2Page - RF Micro Devices SGL0163Z Datasheet HTML 3Page - RF Micro Devices SGL0163Z Datasheet HTML 4Page - RF Micro Devices SGL0163Z Datasheet HTML 5Page - RF Micro Devices SGL0163Z Datasheet HTML 6Page - RF Micro Devices SGL0163Z Datasheet HTML 7Page - RF Micro Devices SGL0163Z Datasheet HTML 8Page - RF Micro Devices SGL0163Z Datasheet HTML 9Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
6 of 9
DS111011
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
SGL0163Z
100MHz to 800MHz Operation
The useful range of the
SGL0163Z may be extended down to 100MHz using simple lumped element tuning. Following are two
examples:
Option 1: A series inductor introduced at the input and output optimizes RF performance over 100MHz wide bands. Band cen-
ter is selected by adjustment of the inductor values. the example is optimized for the 400MHz to 500MHz band.
Option 2: An RC feedback network provides broadband RF performance from 100MHz to 800MHz. The resistor value may be
adjusted to select a combination of gain/NF/return loss best suited to the particular application.
Data and schematics for these two options are presented below.
Contact RFMD technical support for further guidance.
Bill of Materials for Evaluation Board, 100MHz to 800MHz
Notes:
1. Circuit board dielectric material is GETEK, ML200C.
2. B1 and Rb1 recommended for improved K-factor but are optional. Replace with 0
 resistor if not used.
Ref. Designator
Description
Value
Manufacturer’s Part Number
B12
Ferrite Bead
1500
 at 100MHz
Murata Electronics BLM18HE152SN1D
Cc1, Cc2, Cd1
Capacitor, SM, 0603
0.1uF
SAMSUNG CL10B103KBNC T/R
Cd2
Capacitor, SM, 0603
22pF
ROHM MCH185AA220DJK
Rb12
Resistor, SM, 0603
47
PHILLIPS 9C06031A47R0 JL HFT
Rb2
Resistor, SM, 0603
0
PHILLIPS 9C06031A0R00 JL HFT
N/A1
Circuit Board
N/A
ECB101761 Rev B
ECB-101761 Rev. B
IN
Eval Board
OUT
1000pF
1000pF
470 nH
Rb1
B1
Cd1
Cd2
Rb2
+Vcc
GND
10pF
1500 Ohms
IN
Eval Board
OUT
Cc2
Cc1
22nH
Rb1
B1
Cd1
Cd2
Rb2
+Vcc
GND
ECB-101761 Rev. B
10nH
10nH
SGL0163Z
SGL0163Z



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com