Electronic Components Datasheet Search
  English  ▼

X  

SGL0622Z Datasheet(PDF) 3 Page - RF Micro Devices

Part # SGL0622Z
Description  5MHz to 4000MHz LOW NOISE MMIC AMPLIFIER SILICON GERMANIUM
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

SGL0622Z Datasheet(HTML) 3 Page - RF Micro Devices

  SGL0622Z Datasheet HTML 1Page - RF Micro Devices SGL0622Z Datasheet HTML 2Page - RF Micro Devices SGL0622Z Datasheet HTML 3Page - RF Micro Devices SGL0622Z Datasheet HTML 4Page - RF Micro Devices SGL0622Z Datasheet HTML 5Page - RF Micro Devices SGL0622Z Datasheet HTML 6Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3 of 6
SGL0622Z
DS140404
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Noise Figure versus Frequency
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
1.5
2.0
2.5
3.0
3.5
Frequency (GHz)
25°C
85°C
IIP3 versus Frequency
-20.0
-18.0
-16.0
-14.0
-12.0
-10.0
-8.0
-6.0
1.5
2.0
2.5
3.0
3.5
Frequency (GHz)
25°C
-40°C
85°C
P1dB versus Frequency
-4.0
-2.0
0.0
2.0
4.0
6.0
8.0
10.0
1.52.0
2.53.0
3.5
Frequency (GHz)
25°C
-40°C
85°C



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com