Electronic Components Datasheet Search
  English  ▼

X  

SGL0622Z Datasheet(PDF) 5 Page - RF Micro Devices

Part # SGL0622Z
Description  5MHz to 4000MHz LOW NOISE MMIC AMPLIFIER SILICON GERMANIUM
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

SGL0622Z Datasheet(HTML) 5 Page - RF Micro Devices

  SGL0622Z Datasheet HTML 1Page - RF Micro Devices SGL0622Z Datasheet HTML 2Page - RF Micro Devices SGL0622Z Datasheet HTML 3Page - RF Micro Devices SGL0622Z Datasheet HTML 4Page - RF Micro Devices SGL0622Z Datasheet HTML 5Page - RF Micro Devices SGL0622Z Datasheet HTML 6Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5 of 6
SGL0622Z
DS140404
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Suggested Pad Layout
Nominal Package Dimensions
Dimensions in inches (millimeters)
Refer to drawing posted at www.rfmd.com for tolerances.
Part Identification
Pin
Function
Description
1RF OUT/VD
RF output and bias pin. Bias should be supplied to this pin through an external RF choke. (See application cir-
cuit)
2GND
Connect to ground per application circuit drawing.
3, 5,
6, 7, 8
N/A
Not Used
4RF IN
RF input pin. This pin requires the use of an external DC blocking capacitor as shown in the application schemat-
ics.
EPAD
GND
Exposed area on the bottom side of the package needs to be soldered to the ground plane of the board for ther-
mal and RF performance. Vias should be located under the EPAD as shown in the recommended land pattern.
Package Type:
2 x 2 QFN



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com