Electronic Components Datasheet Search
  English  ▼

X  

SGL0622Z Datasheet(PDF) 6 Page - RF Micro Devices

Part # SGL0622Z
Description  5MHz to 4000MHz LOW NOISE MMIC AMPLIFIER SILICON GERMANIUM
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

SGL0622Z Datasheet(HTML) 6 Page - RF Micro Devices

  SGL0622Z Datasheet HTML 1Page - RF Micro Devices SGL0622Z Datasheet HTML 2Page - RF Micro Devices SGL0622Z Datasheet HTML 3Page - RF Micro Devices SGL0622Z Datasheet HTML 4Page - RF Micro Devices SGL0622Z Datasheet HTML 5Page - RF Micro Devices SGL0622Z Datasheet HTML 6Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
6 of 6
SGL0622Z
DS140404
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Application Schematic
Evaluation Board Layout and Bill of Materials
Ordering Information
Part Number
Description
SGL0622Z
7" Reel with 3000 pieces
SGL0622ZSQ
Sample Bag with 25 pieces
SGL0622ZSR
7" Reel with 100 pieces
SGL0622ZPCK1
100MHz to 3500MHz PCBA with 5-piece Sample Bag
RF out
RF in
Vs
68nH
1200
pF
1uF
100pF
100pF
SGL0622Z
Epad
2
41
100pF
y
Bill of Materials
C1
1x TAJB105KLRH Rohm 1.0uF
C2
1x MCH185C122KK Rohm 1200pF
C3
1x MCH185A101JK Rohm 100pF
C4
1x MCH185A101JK Rohm 100pF
C5
1x MCH185A101JK Rohm 100pF
L1
1x LL1608-FS56NJ Toko 68nH
Connectors 2x PSF-S01-1mm GigaLane Co.
Heat sink
EEF-102059
PCB
QFN2x2



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com