Electronic Components Datasheet Search
  English  ▼

X  

SPF5122Z Datasheet(PDF) 11 Page - RF Micro Devices

Part # SPF5122Z
Description  50MHz to 4000MHz, GaAs pHEMT LOW NOISE MMIC AMPLIFIER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

SPF5122Z Datasheet(HTML) 11 Page - RF Micro Devices

Back Button SPF5122Z Datasheet HTML 4Page - RF Micro Devices SPF5122Z Datasheet HTML 5Page - RF Micro Devices SPF5122Z Datasheet HTML 6Page - RF Micro Devices SPF5122Z Datasheet HTML 7Page - RF Micro Devices SPF5122Z Datasheet HTML 8Page - RF Micro Devices SPF5122Z Datasheet HTML 9Page - RF Micro Devices SPF5122Z Datasheet HTML 10Page - RF Micro Devices SPF5122Z Datasheet HTML 11Page - RF Micro Devices SPF5122Z Datasheet HTML 12Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11 of 12
DS110408
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
SPF5122Z
Part Identification
Suggested Pad Layout (Dimensions in inches)
Package Drawing
Dimensions in millimeters
Refer to drawing posted at www.rfmd.com for tolerances.
Pin Names and Description
Pin
Function
Description
1N/A
Ground or No-Connect. No Connection Internal
2RF IN
RF Input, DC Coupled and Matched to 50
. An External DC Block is Required.
3N/A
Ground or No-Connect. No Connection Internal
4N/A
Ground or No-Connect. No Connection Internal
5N/A
Ground or No-Connect. No Connection Internal
6N/A
Ground or No-Connect. No Connection Internal
7RF OUT/BIAS
RF Output, Bias Applied Through This Pin. Matched to 50
.
8N/A
Ground or No-Connect. No Connection Internal
EPAD
GND
EPAD Must be Conductively Attached to RF and DC Ground.
51Z
SPF
Pin 1 Designation (top view)
2
1
3
4
7
8
6
5
0.0057
0.0088
0.0295
Ø0.0120
012
Ø0.0200
0.0337



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com