Electronic Components Datasheet Search
  English  ▼

X  

SPF5122Z Datasheet(PDF) 8 Page - RF Micro Devices

Part # SPF5122Z
Description  50MHz to 4000MHz, GaAs pHEMT LOW NOISE MMIC AMPLIFIER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

SPF5122Z Datasheet(HTML) 8 Page - RF Micro Devices

Back Button SPF5122Z Datasheet HTML 4Page - RF Micro Devices SPF5122Z Datasheet HTML 5Page - RF Micro Devices SPF5122Z Datasheet HTML 6Page - RF Micro Devices SPF5122Z Datasheet HTML 7Page - RF Micro Devices SPF5122Z Datasheet HTML 8Page - RF Micro Devices SPF5122Z Datasheet HTML 9Page - RF Micro Devices SPF5122Z Datasheet HTML 10Page - RF Micro Devices SPF5122Z Datasheet HTML 11Page - RF Micro Devices SPF5122Z Datasheet HTML 12Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8 of 12
DS110408
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
SPF5122Z
De-embedded Device S-parameters (Bias Tee Data)
S11 versus Frequency (5V 90mA)
S22 versus Frequency (5V 90mA)
GMAX versus Frequency
(5V, 90mA)
0.0
5.0
10.0
15.0
20.0
25.0
30.0
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
Frequency (GHz)
Gmax
Gain
0.0
0.2
1.0
2.0
5.0
5.0
0.2
0.5
1.0
2.0
5.0
0.2
0.5
1.0
2.0
5.0
4 GHz
2 GHz
1 GHz
50 MHz
z
3 GHz
6 GHz
8 GHz
0.5 GHz
GHz
0.0
0.2
0.5
2.0
5.0
5.0
0.2
0.5
1.0
2.0
5.0
0.2
0.5
1.0
2.0
5.0
4 GHz
2 GHz
1 GHz
50 MHz
z
3 GHz
GHz
8 GHz
0.5 GHz
6 GHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com