Electronic Components Datasheet Search
  English  ▼

X  

SPF5122Z Datasheet(PDF) 5 Page - RF Micro Devices

Part # SPF5122Z
Description  50MHz to 4000MHz, GaAs pHEMT LOW NOISE MMIC AMPLIFIER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

SPF5122Z Datasheet(HTML) 5 Page - RF Micro Devices

  SPF5122Z Datasheet HTML 1Page - RF Micro Devices SPF5122Z Datasheet HTML 2Page - RF Micro Devices SPF5122Z Datasheet HTML 3Page - RF Micro Devices SPF5122Z Datasheet HTML 4Page - RF Micro Devices SPF5122Z Datasheet HTML 5Page - RF Micro Devices SPF5122Z Datasheet HTML 6Page - RF Micro Devices SPF5122Z Datasheet HTML 7Page - RF Micro Devices SPF5122Z Datasheet HTML 8Page - RF Micro Devices SPF5122Z Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5 of 12
DS110408
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
SPF5122Z
Typical RF Performance - Broadband Application Circuit with VD=5V, ID=90mA
OIP3 versus Power
(900 MHz, 1 MHz spacing)
26.0
30.0
34.0
38.0
42.0
46.0
0.0
3.0
6.0
9.0
12.0
15.0
Output Power per Tone (dBm)
-40°C
25°C
85°C
OIP3 versus Power
(1900 MHz, 1 MHz spacing)
26.0
30.0
34.0
38.0
42.0
46.0
0.0
3.0
6.0
9.0
12.0
15.0
Output Power per Tone (dBm)
25°C
-40°C
85°C
ACP versus Channel Power @ 2140MHz
-80.0
-70.0
-60.0
-50.0
-40.0
-30.0
5.0
7.0
9.0
11.0
13.0
15.0
17.0
Channel Power (dBm)
-40°C
25°C
85°C
System
WCDMA with 64 DPCH
Source
ACP versus Channel Power @ 880MHz
-90.0
-80.0
-70.0
-60.0
-50.0
-40.0
-30.0
0.0
2.0
4.0
6.0
8.0
10.0 12.0
14.0 16.0 18.0
Channel Power (dBm)
25°C
-40°C
85°C
880MHz IS95 Source
IS-95 with 9 DPCH
Source



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com