Electronic Components Datasheet Search
  English  ▼

X  

SZM-3166Z Datasheet(PDF) 6 Page - RF Micro Devices

Part # SZM-3166Z
Description  3.3GHz to 3.6GHz 2W POWER AMPLIFIER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

SZM-3166Z Datasheet(HTML) 6 Page - RF Micro Devices

Back Button SZM-3166Z Datasheet HTML 2Page - RF Micro Devices SZM-3166Z Datasheet HTML 3Page - RF Micro Devices SZM-3166Z Datasheet HTML 4Page - RF Micro Devices SZM-3166Z Datasheet HTML 5Page - RF Micro Devices SZM-3166Z Datasheet HTML 6Page - RF Micro Devices SZM-3166Z Datasheet HTML 7Page - RF Micro Devices SZM-3166Z Datasheet HTML 8Page - RF Micro Devices SZM-3166Z Datasheet HTML 9Page - RF Micro Devices SZM-3166Z Datasheet HTML 10Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6 of 12
DS110620
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
SZM-3166Z
Measured 3.3GHz to 3.6GHz Application Circuit Data (VCC=VPC=5.2V, IQ=800mA, T=25°C)
Broadband S11 -Input Return Loss
-25
-20
-15
-10
-5
0
01
23
4
5
6
Frequency(GHz)
-40C
+25C
+85C
Broadband S21 - Forward Gain
10
15
20
25
30
35
40
0123456
Frequency(GHz)
-40C
+25C
+85C
Broadband S12 - Reverse Isolation
-110
-100
-90
-80
-70
-60
-50
-40
-30
01
23
45
6
Frequency(GHz)
-40C
+25C
+85C
Broadband S22 - Output Return Loss
-25
-20
-15
-10
-5
0
01
23456
Frequency(GHz)
-40C
+25C
+85C
20dB Step attenuator Function Gain Delta vs Temp.
Attenuator Enabled VPC2=0V
10
12
14
16
18
20
22
24
26
28
30
3.3
3.35
3.4
3.45
3.5
3.55
3.6
3.65
3.7
3.75
3.8
Frequency(GHz)
T=-40c
T=+25c
T=+85c



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com