Electronic Components Datasheet Search
  English  ▼

X  

SZM-3166Z Datasheet(PDF) 7 Page - RF Micro Devices

Part # SZM-3166Z
Description  3.3GHz to 3.6GHz 2W POWER AMPLIFIER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

SZM-3166Z Datasheet(HTML) 7 Page - RF Micro Devices

Back Button SZM-3166Z Datasheet HTML 3Page - RF Micro Devices SZM-3166Z Datasheet HTML 4Page - RF Micro Devices SZM-3166Z Datasheet HTML 5Page - RF Micro Devices SZM-3166Z Datasheet HTML 6Page - RF Micro Devices SZM-3166Z Datasheet HTML 7Page - RF Micro Devices SZM-3166Z Datasheet HTML 8Page - RF Micro Devices SZM-3166Z Datasheet HTML 9Page - RF Micro Devices SZM-3166Z Datasheet HTML 10Page - RF Micro Devices SZM-3166Z Datasheet HTML 11Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7 of 12
DS110620
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
SZM-3166Z
Pin
Function
Description
5, 7, 11,
12, 17,
18, 22,
29, 31,
33, 34,
39, 40
NC
These are no connect (NC) pins and are not wired inside the package. It is recommended to connect them as shown
in the application circuit to achieve the stated performance.
1, 10,
21, 30
GND
These pins are internally grounded inside the package to the backside ground paddle. It is recommended to also
ground them external to the package to achieve the specified performance.
2VC1
This is the collector of the first stage.
3VBIAS12
This is the supply voltage for the active bias circuit of the 1st and 2nd stages.
4NC
This pin is not connected inside the package, but it is recommended to connect it to GND to achieve the specified per-
formance.
6RF IN
This is the RF input pin. It is DC grounded inside the package. Do not apply DC voltage to this pin.
8VPC1
Power up/down control pin for the 1st stage. An external series resistor is required for proper setting of bias levels
depending on control voltage. The voltage on this pin should never exceed the voltage on pin 3 by more than 0.5V
unless the supply current from pin 3 is limited <10mA.
9VPC2
Power up/down control pin for the 2nd stage. Power down VPC2<1V for step attenuator functionable. An external
series resistor is required for proper setting of bias levels depending on control voltage. The voltage on this pin should
never exceed the voltage on pin 3 by more than 0.5V unless the supply current from pin 3 is limited <10mA.
13, 38
VC2A, VC2B These two pins are connected internal to the package to the 2nd stage collector. To achieve specified performance,
the layout of these pins should match the Recommended Land Pattern.
14, 15,
36, 37
C1A,C2A
C1B,C2B
These pins have capacitors across them internal to the package as shown in the below schematic. They are used as
tuning and RF coupling elements between the 2nd and 3rd stage.
16, 35
VB3A, VB3B These are the connections to the base of the 3rd stage output device. To achieve specified performance, the layout of
these pins should match the Recommended Land Pattern.
19
VPC3
Power up/down control pin for the 3rd stage. An external series resistor is required for proper setting of bias levels
depending on control voltage. The voltage on this pin should never exceed the voltage on pin 32 by more than 0.5V
unless the supply current from pin 33 is limited <10mA.
20
VDET
This is the output port for the power detector. It samples the power at the input of the 3rd stage.
23-28
RF OUT
These are the RF output pins and DC connections to the 3rd stage collector.
32
VBIAS3
This is the supply voltage for the active bias circuit of the 3rd stage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com