Electronic Components Datasheet Search
  English  ▼

X  

SZM-3166Z Datasheet(PDF) 1 Page - RF Micro Devices

Part # SZM-3166Z
Description  3.3GHz to 3.6GHz 2W POWER AMPLIFIER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

SZM-3166Z Datasheet(HTML) 1 Page - RF Micro Devices

  SZM-3166Z Datasheet HTML 1Page - RF Micro Devices SZM-3166Z Datasheet HTML 2Page - RF Micro Devices SZM-3166Z Datasheet HTML 3Page - RF Micro Devices SZM-3166Z Datasheet HTML 4Page - RF Micro Devices SZM-3166Z Datasheet HTML 5Page - RF Micro Devices SZM-3166Z Datasheet HTML 6Page - RF Micro Devices SZM-3166Z Datasheet HTML 7Page - RF Micro Devices SZM-3166Z Datasheet HTML 8Page - RF Micro Devices SZM-3166Z Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Features
1 of 12
Optimum Technology
Matching® Applied
GaAs HBT
InGaP HBT
GaAs MESFET
SiGe BiCMOS
Si BiCMOS
SiGe HBT
GaAs pHEMT
Si CMOS
Si BJT
GaN HEMT
RF MICRO DEVICES®, RFMD®, Optimum Technology Matching®, Enabling Wireless Connectivity™, PowerStar®, POLARIS™ TOTAL RADIO™ and UltimateBlue™ are trademarks of RFMD, LLC. BLUETOOTH is a trade-
mark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names, trademarks and registered trademarks are the property of their respective owners. ©2006, RF Micro Devices, Inc.
Product Description
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
RF MEMS
SZM-3166Z
3.3GHz to 3.6GHz 2W POWER AMPLIFIER
RFMD’s SZM-3166Z is a high linearity class AB Heterojunction Bipolar Transistor (HBT) amplifier
housed in a low-cost surface-mountable plastic Q-FlexN multi-chip module package. This HBT
amplifier is made with InGaP on GaAs device technology and fabricated with MOCVD for an
ideal combination of low cost and high reliability. This product is specifically designed for
802.16 customer premises equipment (CPE) terminals in the 3.3GHz to 3.6GHz bands. It can
run from a 3V to 5.2V supply. The external output match and bias adjustability allows load line
optimization for other applications covering 3.5GHz to 3.8GHz. It features an output power
detector, on/off power control and high RF overdrive robustness. A 20dB step attenuator fea-
ture can be utilized by switching the second stage Power up/down control. This product fea-
tures a RoHS compliant and Green package with matte tin finish, designated by the ‘Z’ suffix.
Stage 1
Bias
Stage 2
Bias
Stage 3
Bias
RFIN
RFOUT
Power
Detector
Vbias =5V
Power
Up/Down
Control
Vcc =5V
P1dB=35dBm at 5.2V
Three Stages of Gain:35dB
802.11g 54Mb/s Class AB Perfor-
mance
POUT=27dBm at 2.5% EVM, VCC
5.2V, 900mA
Active Bias with Adjustable Current
On-Chip Output Power Detector
Low Thermal Resistance
Power Up/Down Control <1
s
Attenuator Step 20dB at VPC2=0V
Class 1C ESD Rating
Applications
802.16 WiMAX Driver or Output
Stage
Fixed Wireless, WLL
CPE Terminal Applications
DS110620
Package: QFN, 6mmx6mm
SZM-3166Z
3.3GHz to
3.6GHz 2W
Power Ampli-
fier
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Frequency of Operation
3300
3600
MHz
Output Power at 1dB Compression
34.5
dBm
3.5Ghz
Gain
32.0
35.0
38.0
dBm
3.5Ghz, POUT=26dBm
% EVM
2.5
%
3.5GHz, POUT=27dBm, 802.11g 54Mb/s
Third Order Suppression
-42
-37
dBc
3.5GHz, POUT=23dBm per tone
Noise Figure
5.0
dB
3.5GHz
Worst Case Input Return Loss
11.0
14.0
dB
2.3GHz to 3.5GHz
Worst Case Output Return Loss
6.0
9.0
dB
2.3GHz to 3.5GHz
Supply voltage rang
5.2
V
Output Voltage Range
0.9 to 2.2
V
POUT=10dBm to 33dBm
Quiescent Current
720
800
880
mA
VCC=5.2V
Power Up Control Current
5.0
mA
VPC=5.2V, IVCP1+IVPC2+IVPC3
VCC Leakage Current
0.1

VCC=5.2V, VPC=0V
Thermal Resistance
12.0
°C/W
junction - lead
Test Conditions: Z0=50, VCC=5.2V, IQ=800mA, TBP=30°C


Similar Part No. - SZM-3166Z

ManufacturerPart #DatasheetDescription
logo
SIRENZA MICRODEVICES
SZM-3166Z SIRENZA-SZM-3166Z Datasheet
355Kb / 9P
3.3-3.6GHz 2W Power Amplifier
SZM-3166Z-EVB1 SIRENZA-SZM-3166Z-EVB1 Datasheet
355Kb / 9P
3.3-3.6GHz 2W Power Amplifier
More results

Similar Description - SZM-3166Z

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAAP-000067-PKG003 MACOM-MAAP-000067-PKG003 Datasheet
410Kb / 9P
Amplifier, Power, 2W
logo
SIRENZA MICRODEVICES
SZM-3166Z SIRENZA-SZM-3166Z Datasheet
355Kb / 9P
3.3-3.6GHz 2W Power Amplifier
logo
M/A-COM Technology Solu...
MAAP-010518 MA-COM-MAAP-010518 Datasheet
4Mb / 10P
2W Power Amplifier
logo
TriQuint Semiconductor
TGA4513 TRIQUINT-TGA4513_15 Datasheet
274Kb / 10P
27 to 31 GHz 2W Balanced Power Amplifier
logo
M/A-COM Technology Solu...
MAAP-010518 MA-COM-MAAP-010518_15 Datasheet
4Mb / 10P
2W Power Amplifier
logo
RF Micro Devices
RF5603 RFMD-RF5603 Datasheet
2Mb / 24P
3.0V TO 5.0V, 3.3GHz TO 3.8GHz LINEAR POWER AMPLIFIER
STA-5063Z RFMD-STA-5063Z Datasheet
585Kb / 10P
3.3GHz to 6.2GHz GENERAL PURPOSE 3.3V 15dBm AMPLIFIER
SZM-2066Z RFMD-SZM-2066Z Datasheet
1Mb / 18P
2.4GHz to 2.7GHz 2W POWER AMPLIFIER
SZM-2166Z RFMD-SZM-2166Z Datasheet
849Kb / 21P
2.3GHz to 2.7GHz 2W POWER AMPLIFIER
SZM-3066Z RFMD-SZM-3066Z Datasheet
444Kb / 12P
3.3GHz to 3.8GHz 2W POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com