Electronic Components Datasheet Search
  English  ▼

X  

AN92584 Datasheet(PDF) 39 Page - Ramtron International Corporation

Part # AN92584
Description  Designing for Low Power and Estimating Battery Life for BLE Applications
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMTRON [Ramtron International Corporation]
Direct Link  http://www.ramtron.com
Logo RAMTRON - Ramtron International Corporation

AN92584 Datasheet(HTML) 39 Page - Ramtron International Corporation

Back Button AN92584 Datasheet HTML 34Page - Ramtron International Corporation AN92584 Datasheet HTML 35Page - Ramtron International Corporation AN92584 Datasheet HTML 36Page - Ramtron International Corporation AN92584 Datasheet HTML 37Page - Ramtron International Corporation AN92584 Datasheet HTML 38Page - Ramtron International Corporation AN92584 Datasheet HTML 39Page - Ramtron International Corporation AN92584 Datasheet HTML 40Page - Ramtron International Corporation AN92584 Datasheet HTML 41Page - Ramtron International Corporation AN92584 Datasheet HTML 42Page - Ramtron International Corporation  
Zoom Inzoom in Zoom Outzoom out
 39 / 42 page
background image
Designing for Low Power and Estimating Battery Life for BLE Applications
www.cypress.com
Document No. 001-92584 Rev. *A
39
Figure 23. Peripheral Connection Current Profile
System Deep-Sleep Current
Conn Event Avg. Current
connInterval = 1000 ms
Connection Event = ~3 ms
A
B
C
H
I
D
F
G
Time
Current
J
The stages of the current profile, labeled using the letters A to I, along with the BLESS internal states, BLESS power
modes, and the system power modes are tabulated in Table 15.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com