Electronic Components Datasheet Search
  English  ▼

X  

AN92584 Datasheet(PDF) 22 Page - Ramtron International Corporation

Part # AN92584
Description  Designing for Low Power and Estimating Battery Life for BLE Applications
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMTRON [Ramtron International Corporation]
Direct Link  http://www.ramtron.com
Logo RAMTRON - Ramtron International Corporation

AN92584 Datasheet(HTML) 22 Page - Ramtron International Corporation

Back Button AN92584 Datasheet HTML 18Page - Ramtron International Corporation AN92584 Datasheet HTML 19Page - Ramtron International Corporation AN92584 Datasheet HTML 20Page - Ramtron International Corporation AN92584 Datasheet HTML 21Page - Ramtron International Corporation AN92584 Datasheet HTML 22Page - Ramtron International Corporation AN92584 Datasheet HTML 23Page - Ramtron International Corporation AN92584 Datasheet HTML 24Page - Ramtron International Corporation AN92584 Datasheet HTML 25Page - Ramtron International Corporation AN92584 Datasheet HTML 26Page - Ramtron International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 42 page
background image
Designing for Low Power and Estimating Battery Life for BLE Applications
www.cypress.com
Document No. 001-92584 Rev. *A
22
Table 12. Connection Calculator Input Parameters
Based on the inputs, the sheet updates the average current in the blue cell.
4
BLE Applications
4.1
BLE System Power
A typical BLE application involves sending the sensor data from a BLE Peripheral device (such as a heart-rate
monitor) to a BLE Central device (such as a smartphone). The system-level architecture of a Peripheral device for
such applications has three major functional blocks, as shown in Figure 11: sensing, data and event processing, and
BLE connectivity. Each block contributes to the average current of the overall system.
4 . 1 . 1
S e n s i n g B l o c k
The sensing block comprises a sensor and transducer hardware that converts the sensor information into an analog
electrical signal, followed by a signal-conditioning circuit that is used for filtering and amplification of the analog
signal. The conditioned analog signal is converted into digital data for processing by an analog-to-digital converter
(ADC). The key factors that determine the current consumption in the sensing operation are the following:
Signal conditioning and analog-to-digital conversion: The signal-conditioning circuit and the ADC consume
significant current during the sensing operation.
Sampling rate: The sampling rate is the minimum rate at which the sensor data must be captured by the ADC to
have enough samples for accurate processing of the sensor data.
Scan rate: The scan rate is the rate at which a sensor must be polled to detect an activity. This allows the system
to be in low-power states if there is no activity.
Figure 11. System Block Diagram
Signal
Conditioning
ADC
CPU
Flash for
Data logging
+ processing
BLE
Connectivity
Sensor &
Transducer
Sensing
Table A - Input Parameters
Connection Settings (From BLE Component Configuration)
Value
Units
GAP Role
Peripheral
Connection Interval
1000
ms
Slave Latency
0
Number of bytes to be sent
0
System Settings
CPU clock (IMO) frequency
16
MHz
WCO clock accuracy
000_TO_020_PPM
ppm
Remote Device clock accuracy
000_TO_020_PPM
ppm
Transmit Power
0
dbm
Estimate Average Current Consumption
17.49
uA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com