Electronic Components Datasheet Search
  English  ▼

X  

P4C107 Datasheet(PDF) 4 Page - Pyramid Semiconductor Corporation

Part # P4C107
Description  ULTRA HIGH SPEED 1M x 1 STATIC CMOS RAM
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PYRAMID [Pyramid Semiconductor Corporation]
Direct Link  http://www.pyramidsemiconductor.com
Logo PYRAMID - Pyramid Semiconductor Corporation

P4C107 Datasheet(HTML) 4 Page - Pyramid Semiconductor Corporation

  P4C107 Datasheet HTML 1Page - Pyramid Semiconductor Corporation P4C107 Datasheet HTML 2Page - Pyramid Semiconductor Corporation P4C107 Datasheet HTML 3Page - Pyramid Semiconductor Corporation P4C107 Datasheet HTML 4Page - Pyramid Semiconductor Corporation P4C107 Datasheet HTML 5Page - Pyramid Semiconductor Corporation P4C107 Datasheet HTML 6Page - Pyramid Semiconductor Corporation P4C107 Datasheet HTML 7Page - Pyramid Semiconductor Corporation P4C107 Datasheet HTML 8Page - Pyramid Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
P4C107 - ULTRA HIGH SPEED 1M X 1 STATIC CMOS RAM
Page 4
Document # SRAM139 REV OR
notes:
1. Stresses greater than those listed under MAxIMUM RATINGS may
cause permanent damage to the device. This is a stress rating only
and functional operation of the device at these or any other conditions
above those indicated in the operational sections of this specification
is not implied. Exposure to MAxIMUM rating conditions for extended
periods may affect reliability.
2. Extended temperature operation guaranteed with 400 linear feet per
minute of air flow.
3. Transient inputs with V
IL and IIL not more negative than –3.0V and
–100mA, respectively, are permissible for pulse widths up to 20ns.
4. This parameter is sampled and not 100% tested.
5. WE is HIGH for READ cycle.
6. CE is LOW and OE is LOW for READ cycle.
7. ADDRESS must be valid prior to, or coincident with CE transition
LOW.
8. Transition is measured ± 200 mV from steady state voltage prior to
change,withloadingasspecifiedinFigure1. Thisparameterissampled
and not 100% tested.
9. Read Cycle Time is measured from the last valid address to the first
transitioning address.
AC CHARACTERISTICS—WRITE CYCLE
(V
CC = 5V ± 10%, All Temperature Ranges)
(2)
Sym Parameter
-10
-12
-15
-20
Unit
Min
Max
Min
Max
Min
Max
Min
Max
t
WC
Write Cycle Time
10
12
15
20
ns
t
CW
Chip Enable Time to End of Write
7
10
12
15
ns
t
AW
Address Valid to End of Write
7
10
12
15
ns
t
AS
Address Setup Time
0
0
0
0
ns
t
WP
Write Pulse Width
7
10
12
15
ns
t
AH
Address Hold Time
0
0
0
0
ns
t
DW
Data Valid to End of Write
6
7
8
10
ns
t
DH
Data Hold Time
0
0
0
0
ns
t
WZ
Write Enable to Output in High Z
6
7
8
9
ns
t
OW
Output Active from End of Write
0
0
0
0
ns
TIMIng WAVEFORM OF WRITE CYCLE nO. 1 (WE COnTROLLED)(10,11)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com