Electronic Components Datasheet Search
  English  ▼

X  

P4C107 Datasheet(PDF) 3 Page - Pyramid Semiconductor Corporation

Part # P4C107
Description  ULTRA HIGH SPEED 1M x 1 STATIC CMOS RAM
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PYRAMID [Pyramid Semiconductor Corporation]
Direct Link  http://www.pyramidsemiconductor.com
Logo PYRAMID - Pyramid Semiconductor Corporation

P4C107 Datasheet(HTML) 3 Page - Pyramid Semiconductor Corporation

  P4C107 Datasheet HTML 1Page - Pyramid Semiconductor Corporation P4C107 Datasheet HTML 2Page - Pyramid Semiconductor Corporation P4C107 Datasheet HTML 3Page - Pyramid Semiconductor Corporation P4C107 Datasheet HTML 4Page - Pyramid Semiconductor Corporation P4C107 Datasheet HTML 5Page - Pyramid Semiconductor Corporation P4C107 Datasheet HTML 6Page - Pyramid Semiconductor Corporation P4C107 Datasheet HTML 7Page - Pyramid Semiconductor Corporation P4C107 Datasheet HTML 8Page - Pyramid Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
P4C107 - ULTRA HIGH SPEED 1M X 1 STATIC CMOS RAM
Page 3
Document # SRAM139 REV OR
Sym Parameter
-10
-12
-15
-20
Unit
Min
Max
Min
Max
Min
Max
Min
Max
t
RC
Read Cycle Time
10
12
15
20
ns
t
AA
Address Access Time
10
12
15
20
ns
t
AC
Chip Enable Access Time
10
12
15
20
ns
t
OH
Output Hold from Address Change
3
3
3
3
ns
t
LZ
Chip Enable to Output in Low Z
3
3
3
3
ns
t
HZ
Chip Disable to Output in High Z
5
6
7
8
ns
t
PU
Chip Enable to Power Up Time
0
0
0
0
ns
t
PD
Chip Disable to Power Down
10
12
15
20
ns
AC ELECTRICAL CHARACTERISTICS—READ CYCLE
(V
CC = 5V ± 10%, All Temperature Ranges)
(2)
TIMIng WAVEFORM OF READ CYCLE nO. 1 (ADDRESS COnTROLLED)(5,6)
TIMIng WAVEFORM OF READ CYCLE nO. 2 (CE COnTROLLED)(5,7,8)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com