Electronic Components Datasheet Search
  English  ▼

X  

BCV62 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # BCV62
Description  PNP general-purpose double transistors
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BCV62 Datasheet(HTML) 4 Page - NXP Semiconductors

  BCV62 Datasheet HTML 1Page - NXP Semiconductors BCV62 Datasheet HTML 2Page - NXP Semiconductors BCV62 Datasheet HTML 3Page - NXP Semiconductors BCV62 Datasheet HTML 4Page - NXP Semiconductors BCV62 Datasheet HTML 5Page - NXP Semiconductors BCV62 Datasheet HTML 6Page - NXP Semiconductors BCV62 Datasheet HTML 7Page - NXP Semiconductors BCV62 Datasheet HTML 8Page - NXP Semiconductors BCV62 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
BCV62
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 4 — 26 July 2010
4 of 14
NXP Semiconductors
BCV62
PNP general-purpose double transistors
[1]
VBEsat decreases by about 1.7 mV/K with increasing temperature.
[2]
VBE decreases by about 2 mV/K with increasing temperature.
[3]
Device, without emitter resistors, mounted on an FR4 PCB.
VBEsat
base-emitter
saturation voltage
IC = −10 mA;
IB = −0.5 mA
[1] -
−700 -
mV
IC = −100 mA;
IB = −5mA
[1] -
−850 -
mV
VBE
base-emitter voltage
IC = −2mA; VCE = −5V
[2]
−600 −650 −750 mV
IC = −10 mA; VCE = −5V [2] --
−820 mV
fT
transition frequency
VCE = −5V;
IC = −10 mA;
f=100MHz
100
-
-
MHz
Cc
collector capacitance
VCB = −10 V;
IE =ie =0 A
-4.5
-pF
NF
noise figure
VCE = −5V;
IC = −200 μA; RS =2kΩ;
f = 1 kHz; B = 200 Hz
--10
dB
Transistor TR2
VEBS
emitter-base voltage
VCB =0V; IE = −250 mA
-
-
−1.5
V
VCB =0V; IE = −10 μA
−400 --mV
hFE
DC current gain
VCE = −5V; IC = −2mA
BCV62
100
-
800
BCV62A
100
-
250
BCV62B
220
-
475
BCV62C
420
-
800
Transistors TR1 and TR2
IC1/IE2
current matching
IE2 = −0.5 mA;
VCE1 = −5V;
Tamb ≤ 25 °C
0.7
-
1.3
Tamb ≤ 150 °C
0.7
-
1.3
IE2
emitter current 2
VCE1 = −5V
[3] --
−5mA
Table 8.
Characteristics …continued
Tj =25 °C unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com