Electronic Components Datasheet Search
  English  ▼

X  

BCV62 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # BCV62
Description  PNP general-purpose double transistors
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BCV62 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button BCV62 Datasheet HTML 3Page - NXP Semiconductors BCV62 Datasheet HTML 4Page - NXP Semiconductors BCV62 Datasheet HTML 5Page - NXP Semiconductors BCV62 Datasheet HTML 6Page - NXP Semiconductors BCV62 Datasheet HTML 7Page - NXP Semiconductors BCV62 Datasheet HTML 8Page - NXP Semiconductors BCV62 Datasheet HTML 9Page - NXP Semiconductors BCV62 Datasheet HTML 10Page - NXP Semiconductors BCV62 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
BCV62
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 4 — 26 July 2010
7 of 14
NXP Semiconductors
BCV62
PNP general-purpose double transistors
VCE = −5V
(1) Tamb = 150 °C
(2) Tamb =25 °C
(3) Tamb = −55 °C
VCE = −5V
(1) Tamb = −55 °C
(2) Tamb =25 °C
(3) Tamb = 150 °C
Fig 9.
BCV62C: DC current gain as a function of
collector current; typical values
Fig 10. BCV62C: Base-emitter voltage as a function of
collector current; typical values
IC/IB =20
(1) Tamb = 150 °C
(2) Tamb =25 °C
(3) Tamb = −55 °C
IC/IB =20
(1) Tamb = −55 °C
(2) Tamb =25 °C
(3) Tamb = 150 °C
Fig 11. BCV62C: Collector-emitter saturation voltage
as a function of collector current; typical
values
Fig 12. BCV62C: Base-emitter saturation voltage as a
function of collector current; typical values
mgt719
0
400
600
800
1000
hFE
200
−10−2
−10−1
−1
−10
−102
−103
IC (mA)
(1)
(2)
(3)
mgt720
0
−1200
−1000
−800
−600
−400
−200
−10−1
−1
−10
−102
−103
IC (mA)
VBE
(mV)
(1)
(2)
(3)
mgt721
−104
−103
−102
−10
−10−1
−1
−10
−102
−103
IC (mA)
VCEsat
(mV)
(1)
(2)
(3)
mgt722
−10−1
−1
−10
−102
−103
IC (mA)
0
−1200
−1000
−800
−600
−400
−200
VBEsat
(mV)
(1)
(2)
(3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com