Electronic Components Datasheet Search
  English  ▼

X  

BCV62 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BCV62
Description  PNP general-purpose double transistors
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BCV62 Datasheet(HTML) 3 Page - NXP Semiconductors

  BCV62 Datasheet HTML 1Page - NXP Semiconductors BCV62 Datasheet HTML 2Page - NXP Semiconductors BCV62 Datasheet HTML 3Page - NXP Semiconductors BCV62 Datasheet HTML 4Page - NXP Semiconductors BCV62 Datasheet HTML 5Page - NXP Semiconductors BCV62 Datasheet HTML 6Page - NXP Semiconductors BCV62 Datasheet HTML 7Page - NXP Semiconductors BCV62 Datasheet HTML 8Page - NXP Semiconductors BCV62 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
BCV62
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 4 — 26 July 2010
3 of 14
NXP Semiconductors
BCV62
PNP general-purpose double transistors
5.
Limiting values
[1]
Device mounted on an FR4 Printed-Circuit Board (PCB).
6.
Thermal characteristics
[1]
Device mounted on an FR4 PCB.
7.
Characteristics
Table 6.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
Per transistor
VCBO
collector-base voltage
open emitter
-
−30
V
VCEO
collector-emitter voltage
open base
-
−30
V
VEBS
emitter-base voltage
VCE =0V
-
−6V
IC
collector current
-
−100
mA
ICM
peak collector current
-
−200
mA
IBM
peak base current
-
−200
mA
Per device
Ptot
total power dissipation
Tamb ≤ 25 °C
[1] -250
mW
Tj
junction temperature
-
150
°C
Tamb
ambient temperature
−65
+150
°C
Tstg
storage temperature
−65
+150
°C
Table 7.
Thermal characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Rth(j-a)
thermal resistance from junction
to ambient
in free air
[1] -
-
500
K/W
Table 8.
Characteristics
Tj =25 °C unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Transistor TR1
ICBO
collector-base
cut-off current
VCB = −30 V; IE =0A
-
-
−15
nA
VCB = −30 V; IE =0A;
Tj = 150 °C
--
−5
μA
IEBO
emitter-base
cut-off current
VEB = −5V; IC =0A
-
-
−100 nA
hFE
DC current gain
VCE = −5V;
IC = −100 μA
100
-
-
VCE = −5V; IC = −2 mA
100
-
800
VCEsat
collector-emitter
saturation voltage
IC = −10 mA;
IB = −0.5 mA
-
−75
−300 mV
IC = −100 mA;
IB = −5mA
-
−250 −650 mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com