Electronic Components Datasheet Search
  English  ▼

X  

IRFH4209DPBF Datasheet(PDF) 4 Page - International Rectifier

Part # IRFH4209DPBF
Description  Synchronous Rectifier MOSFET for Synchronous Buck Converters
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFH4209DPBF Datasheet(HTML) 4 Page - International Rectifier

  IRFH4209DPBF Datasheet HTML 1Page - International Rectifier IRFH4209DPBF Datasheet HTML 2Page - International Rectifier IRFH4209DPBF Datasheet HTML 3Page - International Rectifier IRFH4209DPBF Datasheet HTML 4Page - International Rectifier IRFH4209DPBF Datasheet HTML 5Page - International Rectifier IRFH4209DPBF Datasheet HTML 6Page - International Rectifier IRFH4209DPBF Datasheet HTML 7Page - International Rectifier IRFH4209DPBF Datasheet HTML 8Page - International Rectifier IRFH4209DPBF Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
 
IRFH4209DPbF
4
www.irf.com © 2015 International Rectifier
Submit Datasheet Feedback
March 16, 2015
0.1
1
10
100
VDS, Drain-to-Source Voltage (V)
0.1
1
10
100
1000
10000
Tc = 25°C
Tj = 150°C
Single Pulse
10msec
1msec
OPERATION IN THIS AREA
LIMITED BY R DS(on)
100µsec
DC
Limited by package
Fig 8. Maximum Safe Operating Area
Fig 7. Typical Source-Drain Diode Forward Voltage
1E-006
1E-005
0.0001
0.001
0.01
0.1
1
t1 , Rectangular Pulse Duration (sec)
0.001
0.01
0.1
1
10
0.20
0.10
D = 0.50
0.02
0.01
0.05
SINGLE PULSE
( THERMAL RESPONSE )
Notes:
1. Duty Factor D = t1/t2
2. Peak Tj = P dm x Zthjc + Tc
Fig 9. Maximum Drain Current vs. Case Temperature
Fig 10. Drain-to-Source Breakdown Voltage
Fig 11. Maximum Effective Transient Thermal Impedance, Junction-to-Case
25
50
75
100
125
150
TC , Case Temperature (°C)
0
50
100
150
200
250
300
Limited by package
-75 -50 -25
0
25
50
75 100 125 150
TJ , Temperature ( °C )
0.0
0.5
1.0
1.5
2.0
2.5
ID = 100µA
ID = 250µA
ID = 1.0mA
ID = 1.0A
0.2
0.4
0.6
0.8
1.0
1.2
VSD, Source-to-Drain Voltage (V)
1.0
10
100
1000
TJ = 25°C
TJ = 150°C
VGS = 0V



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com