Electronic Components Datasheet Search
  English  ▼

X  

IRFH4209DPBF Datasheet(PDF) 1 Page - International Rectifier

Part # IRFH4209DPBF
Description  Synchronous Rectifier MOSFET for Synchronous Buck Converters
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFH4209DPBF Datasheet(HTML) 1 Page - International Rectifier

  IRFH4209DPBF Datasheet HTML 1Page - International Rectifier IRFH4209DPBF Datasheet HTML 2Page - International Rectifier IRFH4209DPBF Datasheet HTML 3Page - International Rectifier IRFH4209DPBF Datasheet HTML 4Page - International Rectifier IRFH4209DPBF Datasheet HTML 5Page - International Rectifier IRFH4209DPBF Datasheet HTML 6Page - International Rectifier IRFH4209DPBF Datasheet HTML 7Page - International Rectifier IRFH4209DPBF Datasheet HTML 8Page - International Rectifier IRFH4209DPBF Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
FastIRFET™
IRFH4209DPbF
1
www.irf.com © 2015 International Rectifier
Submit Datasheet Feedback
March 16, 2015
HEXFET® Power MOSFET
Base part number
Package Type
Standard Pack
Orderable Part Number
 
 
Form
Quantity
IRFH4209DPbF
PQFN 5mm x 6 mm
Tape and Reel
4000
IRFH4209DTRPbF
VDSS
25
V
RDS(on) max
(@ VGS = 10V)
1.10
(@ VGS = 4.5V)
1.35
Qg (typical)
36
nC
ID
(@TC (Bottom) = 25°C)
100
A
m

 
 
PQFN 5X6 mm
Features
Benefits
Low RDS(ON) (<1.10 m)
Lower Conduction Losses
Schottky Intrinsic Diode with Low Forward Voltage
Lower Switching Losses
Low Thermal Resistance to PCB (<1.0°C/W)
Enable better thermal dissipation
Low Profile (<0.9 mm)
results in Increased Power Density
Industry-Standard Pinout

Multi-Vendor Compatibility
Compatible with Existing Surface Mount Techniques
Easier Manufacturing
RoHS Compliant, Halogen-Free
Environmentally Friendlier
MSL1, Industrial Qualification
Increased Reliability
Notes  through  are on page 9
Absolute Maximum Ratings
  
Parameter
Max.
Units
VGS
Gate-to-Source Voltage
± 20
V
ID @ TA = 25°C
Continuous Drain Current, VGS @ 10V
44
A
ID @ TC(Bottom) = 25°C
Continuous Drain Current, VGS @ 10V
260
ID @ TC(Bottom) = 100°C
Continuous Drain Current, VGS @ 10V
165
IDM
Pulsed Drain Current 
400
PD @TA = 25°C
Power Dissipation 
3.5
W
PD @TC(Bottom) = 25°C
Power Dissipation
125
Linear Derating Factor
0.028
W/°C
TJ
Operating Junction and
-55 to + 150
°C
TSTG
Storage Temperature Range
ID @ TC(Bottom) = 25°C
Continuous Drain Current, VGS @ 10V
(Source Bonding Technology Limited)
100
Applications

Synchronous Rectifier MOSFET for Synchronous Buck Converters


Similar Part No. - IRFH4209DPBF

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IRFH4201 INFINEON-IRFH4201 Datasheet
549Kb / 10P
Synchronous Rectifier MOSFET for Sync Buck Converters
2017-01-24
logo
International Rectifier
IRFH4201PBF IRF-IRFH4201PBF Datasheet
249Kb / 8P
HEXFET Power MOSFET
IRFH4201PBF IRF-IRFH4201PBF Datasheet
491Kb / 9P
Synchronous Rectifier MOSFET for Sync Buck Converters
logo
Infineon Technologies A...
IRFH4201PBF INFINEON-IRFH4201PBF Datasheet
549Kb / 10P
Synchronous Rectifier MOSFET for Sync Buck Converters
2017-01-24
logo
International Rectifier
IRFH4201PBF IRF-IRFH4201PBF_15 Datasheet
491Kb / 9P
Synchronous Rectifier MOSFET for Sync Buck Converters
More results

Similar Description - IRFH4209DPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFH8318TRPBF IRF-IRFH8318TRPBF Datasheet
256Kb / 9P
Synchronous MOSFET for high frequency buck converters
IRFH5302DTR2PBF IRF-IRFH5302DTR2PBF Datasheet
225Kb / 8P
Synchronous MOSFET for high frequency buck converters
IRFH4210DPBF IRF-IRFH4210DPBF Datasheet
256Kb / 8P
Synchronous Rectifier MOSFET for Synchronous Buck Converters
IRFH4213DPBF IRF-IRFH4213DPBF Datasheet
734Kb / 8P
Synchronous Rectifier MOSFET for Synchronous Buck Converters
IRFHM830DPBF IRF-IRFHM830DPBF Datasheet
211Kb / 8P
Synchronous MOSFET for Buck Converters
IRFH4201PBF IRF-IRFH4201PBF_15 Datasheet
491Kb / 9P
Synchronous Rectifier MOSFET for Sync Buck Converters
IRFH4210PBF IRF-IRFH4210PBF_15 Datasheet
500Kb / 9P
Synchronous Rectifier MOSFET for Synchronous Buck Converters
IRFH5301PBF IRF-IRFH5301PBF_15 Datasheet
242Kb / 9P
Synchronous MOSFET for Buck Converters
IRFH5302PBF IRF-IRFH5302PBF_15 Datasheet
246Kb / 9P
Synchronous MOSFET for buck converters
logo
Infineon Technologies A...
IRFH4201PBF INFINEON-IRFH4201PBF Datasheet
549Kb / 10P
Synchronous Rectifier MOSFET for Sync Buck Converters
2017-01-24
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com