Electronic Components Datasheet Search
  English  ▼

X  

IRFH4209DPBF Datasheet(PDF) 5 Page - International Rectifier

Part # IRFH4209DPBF
Description  Synchronous Rectifier MOSFET for Synchronous Buck Converters
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFH4209DPBF Datasheet(HTML) 5 Page - International Rectifier

  IRFH4209DPBF Datasheet HTML 1Page - International Rectifier IRFH4209DPBF Datasheet HTML 2Page - International Rectifier IRFH4209DPBF Datasheet HTML 3Page - International Rectifier IRFH4209DPBF Datasheet HTML 4Page - International Rectifier IRFH4209DPBF Datasheet HTML 5Page - International Rectifier IRFH4209DPBF Datasheet HTML 6Page - International Rectifier IRFH4209DPBF Datasheet HTML 7Page - International Rectifier IRFH4209DPBF Datasheet HTML 8Page - International Rectifier IRFH4209DPBF Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
 
IRFH4209DPbF
5
www.irf.com © 2015 International Rectifier
Submit Datasheet Feedback
March 16, 2015
Fig 12. On-Resistance vs. Gate Voltage
Fig 13. Maximum Avalanche Energy vs. Drain Current
Fig 14. Typical Avalanche Current vs. Pulse Width
2
4
6
8
10
12
14
16
18
20
VGS, Gate -to -Source Voltage (V)
0.5
1.0
1.5
2.0
2.5
3.0
ID = 50A
TJ = 25°C
TJ = 125°C
25
50
75
100
125
150
Starting TJ , Junction Temperature (°C)
0
200
400
600
800
1000
1200
ID
TOP
13A
24A
BOTTOM 50A
1.0E-06
1.0E-05
1.0E-04
1.0E-03
1.0E-02
1.0E-01
tav (sec)
1
10
100
1000
Allowed avalanche Current vs avalanche
pulsewidth, tav, assuming j = 25°C and
Tstart = 125°C.
Allowed avalanche Current vs avalanche
pulsewidth, tav, assuming Tj = 125°C and
Tstart =25°C (Single Pulse)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com